Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX208AK Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX208AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX208AK Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX208AK Datasheet HTML 3Page - Sony Corporation ICX208AK Datasheet HTML 4Page - Sony Corporation ICX208AK Datasheet HTML 5Page - Sony Corporation ICX208AK Datasheet HTML 6Page - Sony Corporation ICX208AK Datasheet HTML 7Page - Sony Corporation ICX208AK Datasheet HTML 8Page - Sony Corporation ICX208AK Datasheet HTML 9Page - Sony Corporation ICX208AK Datasheet HTML 10Page - Sony Corporation ICX208AK Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
– 7 –
ICX278AK
Clock Switching Characteristics
Min.
twh
Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
2.3
26
26
11
1.5
2.5
28.5
28.5
5.38
13
1.8
26
26
28.5
28.5
5.38
51
0.5
6.5
6.5
0.01
0.01
3
9.5
9.5
0.5
15
0.5
6.5
6.5
0.01
0.01
3
250
9.5
9.5
0.5
Unit
µs
ns
ns
µs
ns
µs
Remarks
During
readout
1
2
During drain
charge
Item
Readout clock
Vertical transfer
clock
During
imaging
During
parallel-serial
conversion
Reset gate clock
Substrate clock
Symbol
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ1
H
φ2
H
φ1
H
φ2
φRG
φSUB
1 When vertical transfer clock driver CXD1267AN is used.
2 When VφH = 3.0V. tf ≥ tr – 2ns, and the cross-point voltage (VCR) for the Hφ1 rising side of the Hφ1 and Hφ2
waveforms must be at least V
φH/2 [V].
3 The overlap period for twh and twl of horizontal transfer clocks Hφ1 and Hφ2 is two.
Min.
two
Typ.
Max.
22
26
Unit
ns
Remarks
Item
Horizontal transfer clock
Symbol
H
φ1, Hφ2
3


Similar Part No. - ICX208AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AKB SONY-ICX208AKB Datasheet
194Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX208AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AKB SONY-ICX086AKB Datasheet
188Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX206AK SONY-ICX206AK Datasheet
228Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX228AK SONY-ICX228AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX086AK SONY-ICX086AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX208AK SONY-ICX208AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com