Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXS1010VLQ120R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPXS1010VLQ120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS1010VLQ120R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPXS1010VLQ120R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS1010VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
3
Stepper Stall Detect (SSD)
Yes
Sound Generation Logic (SGL)
Yes
LCD driver
64 × 6
40 × 4, 38 × 6
32 kHz slow external crystal oscillator
Yes
Real-Time Counter and Autonomous Periodic
Interrupt
Yes
Periodic Interrupt Timer (PIT)
4 ch, 32-bit
Software Watchdog Timer (SWT)
Yes
System Timer Module (STM)
4 ch, 32-bit
Timed I/O (eMIOS)
8 ch, 16-bit IC/OC
16 ch, 16-bit PWM/IC/OC
ADC
16 channels, 10-bit
CAN (64 Mailboxes)
2 × CAN
CAN Sampler
Yes
SCI
2 × UART
SPI
2 × SPI
3 × SPI
QuadSPI Serial Flash Interface
No
Yes
I2C2
4
GPIO
105
105 (144-pin package)
133 (176-pin package)
Debug
Nexus 1
Nexus 2+
Package
144 LQFP
144 LQFP
176 LQFP
Table 1. PXD10 family feature set (continued)
Feature
PXD1005
PXD1010


Similar Part No. - SPXS1010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS1010VLQ120R FREESCALE-SPXS1010VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - SPXS1010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com