Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXN1010VLQ120R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # SPXN1010VLQ120R
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN1010VLQ120R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SPXN1010VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 12Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 13Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 14Page - Freescale Semiconductor, Inc SPXN1010VLQ120R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
11
2.4.4
Parallel Data Interface (PDI)
The PDI is a digital interface used to receive external digital video or graphic content into the DCU.
The PDI input is directly injected into the DCU background plane FIFO. When the PDI is activated, all
the DCU synchronization is extracted from the external video stream to guarantee the synchronization of
the two video sources.
The PDI can be used to:
Connect a video camera output directly to the PDI
Connect a secondary display driver as slave with a minimum of extra cost
Connect a device gathering various Video sources
Provide flexibility to allow the DCU to be used in slave mode (external synchronization)
The PDI features the following:
Supported color modes:
— 8-bit mono
— 8-bit color multiplexed
— RGB565
— 16-bit/18-bit RAW color
Supported synchronization modes:
— Embedded ITU-R BT.656-4 (RGB565 mode 2)
— HSYNC, VSYNC
— Data Enable
Direct interface with DCU background plane FIFO
Synchronization generation for the DCU
2.4.5
Liquid Crystal Display (LCD) driver
The LCD driver module has two configurations allowing a maximum of 160 or 228 LCD segments:
Up to 40 frontplane drivers and 4 backplane drivers
Up to 38 frontplane drivers and 6 backplane drivers
Each segment is controlled and can be masked by a corresponding bit in the LCD RAM.
Four to six multiplex modes (1/1, 1/2, 1/3, 1/4, 1/5, 1/6 duty), and three bias (1/1, 1/2, 1/3) methods are
available. All frontplane and backplane pins can be multiplexed with other port functions.
The LCD driver module features the following:
Programmable frame clock generator from different clock sources:
— System clock
— Internal RC oscillator
Programmable bias voltage level selector


Similar Part No. - SPXN1010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN1010VLQ120R FREESCALE-SPXN1010VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - SPXN1010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
PXS20PB FREESCALE-PXS20PB Datasheet
137Kb / 30P
   32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
logo
NEC
E325 NEC-E325 Datasheet
700Kb / 2P
   NEC LCD 32 Entry Level Large Format Display
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com