Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP53A7LQ Datasheet(PDF) 17 Page - Enpirion, Inc.

Part No. EP53A7LQ
Description  1000mA Synchronous Buck Regulator with Integrated Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ENPIRION [Enpirion, Inc.]
Homepage  http://www.enpirion.com
Logo 

EP53A7LQ Datasheet(HTML) 17 Page - Enpirion, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
01543
11/11/2009
Rev:B
EP53A7LQI/EP53A7HQI
©Enpirion 2009 all rights reserved, E&OE
17
www.enpirion.com
Package and Mechanical
Figure 13: EP53A7xQI Package Dimensions
Contact Information
Enpirion, Inc.
Perryville III
53 Frontage Road Suite 210
Hampton, NJ 08827
Tel..908.894.6000
Fax: 908-894-6090
Enpirion reserves the right to make changes in circuit design and/or specifications at any time without notice. Information furnished by Enpirion is
believed to be accurate and reliable. Enpirion assumes no responsibility for its use or for infringement of patents or other third party rights, which may
result from its use. Enpirion products are not authorized for use in nuclear control systems, as critical components in life support systems or equipment
used in hazardous environment without the express written authority from Enpirion.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn