Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP53A7LQ Datasheet(PDF) 7 Page - Enpirion, Inc.

Part No. EP53A7LQ
Description  1000mA Synchronous Buck Regulator with Integrated Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ENPIRION [Enpirion, Inc.]
Homepage  http://www.enpirion.com
Logo 

EP53A7LQ Datasheet(HTML) 7 Page - Enpirion, Inc.

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
01543
11/11/2009
Rev:B
EP53A7LQI/EP53A7HQI
©Enpirion 2009 all rights reserved, E&OE
7
www.enpirion.com
Output Ripple: VIN = 5.0V, VOUT = 3.3V, Load = 10mA
LLM enabled
Output Ripple: VIN = 5.0V, VOUT = 3.3V,
Load = 1A
Output Ripple: VIN = 3.3V, VOUT = 1.8V, Load = 10mA
LLM enabled
Output Ripple: VIN = 3.3V, VOUT = 1.8V
Load = 1A
Output Ripple: VIN = 3.3V, VOUT = 1.2V, Load = 10mA
LLM enabled
Output Ripple: VIN = 3.3V, VOUT = 1.2V,
Load = 1A
5mV/Div
50mV/Div
5mV/Div
50mV/Div
50mV/Div
5mV/Div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn