Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6347QI Datasheet(PDF) 6 Page - Enpirion, Inc.

Part # EN6347QI
Description  4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN6347QI Datasheet(HTML) 6 Page - Enpirion, Inc.

Back Button EN6347QI Datasheet HTML 2Page - Enpirion, Inc. EN6347QI Datasheet HTML 3Page - Enpirion, Inc. EN6347QI Datasheet HTML 4Page - Enpirion, Inc. EN6347QI Datasheet HTML 5Page - Enpirion, Inc. EN6347QI Datasheet HTML 6Page - Enpirion, Inc. EN6347QI Datasheet HTML 7Page - Enpirion, Inc. EN6347QI Datasheet HTML 8Page - Enpirion, Inc. EN6347QI Datasheet HTML 9Page - Enpirion, Inc. EN6347QI Datasheet HTML 10Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
05991
10/04/2011
Rev: B
EN6347QI
¤Enpirion 2011 all rights reserved, E&OE
6
www.enpirion.com
PWM Output Ripple: VIN = 5.0V, VOUT = 1.0V, IOUT = 4A
CIN = 22PF, COUT = 47PF/1206 + 10uF/0805
PWM Output Ripple: VIN = 5.0V, VOUT = 1.0V, IOUT = 4A
CIN = 22PF, COUT = 47PF/1206 + 10uF/0805
LLM Output Ripple: VIN = 5.0V, VOUT = 1.0V,
IOUT = 0.1A, CIN = 22PF, COUT = 2x47PF/1206
LLM Output Ripple: VIN = 5.0V, VOUT = 3.0V,
IOUT = 0.1A, CIN = 22PF, COUT = 2x47PF/1206
Load Transient: VIN = 5.0V, VOUT = 1.0V, LLM Enabled
Ch.1: VOUT, Ch.2: IOUT = 0.01l4A
CIN = 22PF, COUT = 2x47PF/1206
Load Transient: VIN = 5.0V, VOUT = 3.0V, LLM Enabled
Ch.1: VOUT, Ch.2: IOUT = 0.01l4A
CIN = 22PF, COUT = 2x47PF/1206
20 MHz BW limit
500 MHz BW


Similar Part No. - EN6347QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6347QI ALTERA-EN6347QI Datasheet
2Mb / 24P
   Integrated Inductor
More results

Similar Description - EN6347QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN2342QI ALTERA-EN2342QI Datasheet
3Mb / 23P
   4A PowerSoC Voltage Mode Synchronous PWM Buck with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com