Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5339QI Datasheet(PDF) 9 Page - Enpirion, Inc.

Part # EN5339QI
Description  3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5339QI Datasheet(HTML) 9 Page - Enpirion, Inc.

Back Button EN5339QI Datasheet HTML 5Page - Enpirion, Inc. EN5339QI Datasheet HTML 6Page - Enpirion, Inc. EN5339QI Datasheet HTML 7Page - Enpirion, Inc. EN5339QI Datasheet HTML 8Page - Enpirion, Inc. EN5339QI Datasheet HTML 9Page - Enpirion, Inc. EN5339QI Datasheet HTML 10Page - Enpirion, Inc. EN5339QI Datasheet HTML 11Page - Enpirion, Inc. EN5339QI Datasheet HTML 12Page - Enpirion, Inc. EN5339QI Datasheet HTML 13Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
06903
September 12, 2012
Rev: B
EN5339QI
©
Enpirion 2012 all rights reserved, E&OE
www.enpirion.com, Page 9
Typical Performance Characteristics (Continued)
VOUT
(AC Coupled)
Output Ripple at 20MHz
CONDITIONS
VIN = 5V
VOUT = 1.8V
IOUT = 3A
CIN = 1 X 22µF (0805)
COUT = 3 x 22µF (0805)
VOUT
(AC Coupled)
Output Ripple at 20MHz
CONDITIONS
VIN = 5V
VOUT = 3.3V
IOUT = 3A
CIN = 1 X 22µF (0805)
COUT = 3 x 22µF (0805)
VOUT
(AC Coupled)
Output Ripple at 500MHz
CONDITIONS
VIN = 3.3V
VOUT = 1.8V
IOUT = 3A
CIN = 1 X 22µF (0805)
COUT = 3 x 22µF (0805)
VOUT
(AC Coupled)
Output Ripple at 500MHz
CONDITIONS
VIN = 5V
VOUT = 3.3V
IOUT = 3A
CIN = 1 X 22µF (0805)
COUT = 3 x 22µF (0805)
VOUT
Startup Waveforms at 0A
VIN = 5V, VOUT = 1.8V
CIN = 1 X 22µF (0805), COUT = 3 x 22µF (0805), IOUT = 0A
LOAD
ENABLE
POK
VOUT
Startup Waveforms at 3A
VIN = 5V, VOUT = 1.8V
CIN = 1 X 22µF (0805), COUT = 3 x 22µF (0805), IOUT = 3A
LOAD
ENABLE
POK


Similar Part No. - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5339QI ALTERA-EN5339QI Datasheet
1Mb / 20P
   Converter with Integrated Inductor
More results

Similar Description - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
   2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5319QI ALTERA-EN5319QI Datasheet
856Kb / 20P
   1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
   1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
BCD Semiconductor Manuf...
AP3503 BCDSEMI-AP3503 Datasheet
424Kb / 11P
   340kHz, 3A Synchronous DC-DC Buck Converter
logo
Taiwan Semiconductor Co...
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
   3A/350kHz Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com