Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXS1010VLU64R Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SPXS1010VLU64R
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXS1010VLU64R Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SPXS1010VLU64R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXS1010VLU64R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: PXD10
Rev. 1, 09/2011
PXD10
416 TEPBGA
27 mm x 27 mm
176 LQFP
24 mm x 24 mm
208 LQFP
28 mm x 28 mm
© Freescale Semiconductor, Inc., 2011. All rights reserved.
The PXD10 family represents a new generation of
32-bit microcontrollers based on the Power
Architecture®. These devices provide a
cost-effective, single chip display solution for the
industrial market. An integrated TFT driver with
digital video input ability from an external video
source, significant on-chip memory, and low power
design methodologies provide flexibility and
reliability in meeting display demands in rugged
environments. The advanced processor core offers
high performance processing optimized for low
power consumption, operating at speeds as high as
64 MHz. The family itself is fully scalable from
512 KB to 1 MB internal flash memory. The
memory capacity can be further expanded via the
on-chip QuadSPI serial flash controller module.
The PXD10 family platform has a single level of
memory hierarchy supporting on-chip SRAM and
flash memories. The 1 MB flash version features
160 KB of on-chip graphics SRAM to buffer cost
effective color TFT displays driven via the on-chip
Display Control Unit (DCU). See Table 1 for
specific memory size and feature sets of the product
family members.
The PXD10 family benefits from the extensive
development infrastructure for Power Architecture
devices, which is already well established. This
includes full support from available software
drivers, operating systems, and configuration code
to assist with users’ implementations. See
Section 3, Developer support, for more
information.
PXD10 Microcontroller Data
Sheet
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.1
Document overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.3
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.4
PXD10 series blocks . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.5
PXD10 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.6
Details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2
Pinout and signal descriptions . . . . . . . . . . . . . . . . . . . . . . . 27
2.1
144 LQFP package pinouts . . . . . . . . . . . . . . . . . . . . . 27
2.2
176 LQFP package pinout . . . . . . . . . . . . . . . . . . . . . . 29
2.3
Pad configuration during reset phases . . . . . . . . . . . . . 30
2.4
Voltage supply pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
2.5
Pad types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
2.6
System pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
2.7
Debug pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
2.8
Port pin summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
3
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.2
Parameter classification . . . . . . . . . . . . . . . . . . . . . . . . 55
3.3
NVUSRO register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
3.4
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 57
3.5
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 62
3.6
Electromagnetic compatibility (EMC) characteristics . . 65
3.7
Power management electrical characteristics . . . . . . . 67
3.8
I/O pad electrical characteristics . . . . . . . . . . . . . . . . . 75
3.9
SSD specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
3.10 RESET electrical characteristics . . . . . . . . . . . . . . . . . 84
3.11
Fast external crystal oscillator (4–16 MHz) electrical characteristics87
3.12
Slow external crystal oscillator (32 KHz) electrical characteristics89
3.13
FMPLL electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . 91
3.14
Fast internal RC oscillator (16 MHz) electrical characteristics 92
3.15
Slow internal RC oscillator (128 kHz) electrical characteristics92
3.16 Flash memory electrical characteristics . . . . . . . . . . . . 93
3.17 ADC electrical characteristics. . . . . . . . . . . . . . . . . . . . 94
3.18 LCD driver electrical characteristics . . . . . . . . . . . . . . 101
3.19 Pad AC specifications. . . . . . . . . . . . . . . . . . . . . . . . . 102
3.20 AC timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . 122
4.1
144 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
4.2
176 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
5
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130


Similar Part No. - SPXS1010VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXS1010VLU64R FREESCALE-SPXS1010VLU64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - SPXS1010VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com