Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6337QI3 Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # EN6337QI3
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN6337QI3 Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button EN6337QI3 Datasheet HTML 6Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 7Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 8Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 9Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 10Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 11Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 12Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 13Page - Enpirion, Inc. EN6337QI3 Datasheet HTML 14Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
05800
6/17/2011
Rev: B
EN6337QI
©Enpirion 2011 all rights reserved, E&OE
10
www.enpirion.com
Additional Features:
• The switching frequency can be phase-
locked to an external clock to eliminate or
move beat frequency tones out of band.
• Soft-start circuit allowing controlled startup
when the converter is initially powered up.
The soft start time is programmable with an
appropriate choice of soft start capacitor.
• Power good circuit indicating the output
voltage is greater than 90% of programmed
value as long as feedback loop is closed.
• To maintain high efficiency at low output
current, the device incorporates automatic
light load mode operation.
Enable Operation
The ENABLE pin provides a means to enable
normal operation or to shut down the device.
When the ENABLE pin is asserted (high) the
device will undergo a normal soft start. A logic
low on this pin will power the device down in a
controlled manner. From the moment ENABLE
goes low, there is a fixed lock out time before
the output will respond to the ENABLE pin re-
asserted (high). This lock out is activated for
even very short logic low pulses on the
ENABLE pin. See the Electrical Characteristics
Table for technical specifications for this pin.
LLM/SYNC Pin
This is a dual function pin providing LLM
Enable and External Clock Synchronization. At
static Logic HIGH, device will allow automatic
engagement of light load mode. At static logic
LOW, the device is forced into PWM only. A
clocked input to this pin will synchronize the
internal switching frequency – LLM mode is not
available if this input is clocked. If this pin is
left floating, it will pull to a static logic high,
enabling LLM.
Frequency Synchronization
The switching frequency of the DC/DC
converter can be phase-locked to an external
clock
source
to
move
unwanted
beat
frequencies out of band. To avail this feature,
the clock source should be connected to the
LLM/SYNC pin. An activity detector recognizes
the presence of an external clock signal and
automatically phase-locks the internal oscillator
to this external clock. Phase-lock will occur as
long as the clock frequency is in the range
specified in the Electrical Characteristics Table.
For proper operation of the synchronization
circuit, the high-level amplitude of the SYNC
signal should not be above 2.5V. Please note
LLM is not available when synchronizing to an
external frequency.
Spread Spectrum Mode
The external clock frequency may be swept
between the limits specified in the Electrical
Characteristics Table at repetition rates of up
to 10 kHz in order to reduce EMI frequency
components.
Soft-Start Operation
During Soft-start, the output voltage is ramped
up gradually upon start-up. The output rise
time is controlled by the choice of soft-start
capacitor, which is placed between the SS pin
(30) and the AGND pin (32).
Rise Time: TR ≈ (CSS* 80kΩ) ± 25%
During start-up of the converter, the reference
voltage to the error amplifier is linearly
increased to its final level by an internal current
source of approximately 10uA. Typical soft-
start rise time is ~1.2mS with SS capacitor
value of 15nF. The rise time is measured from
when VIN > VUVLOR and ENABLE pin voltage
crosses its logic high threshold to when VOUT
reaches its programmed value. Please note
LLM function is disabled during the soft-start
ramp-up time.
POK Operation
The POK signal is an open drain signal
(requires a pull up resistor to VIN or similar
voltage) from the converter indicating the
output voltage is within the specified range.
The POK signal will be logic high (VIN) when
the
output
voltage
is
above
90%
of
programmed VOUT. If the output voltage goes
below this threshold, the POK signal will be
logic low.


Similar Part No. - EN6337QI3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
More results

Similar Description - EN6337QI3

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com