Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXN1005VLU64R Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPXN1005VLU64R
Description  PXD10 Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN1005VLU64R Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPXN1005VLU64R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN1005VLU64R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
5
1.5
PXD10 features
1.5.1
Summary
Single issue, 32-bit Power Architecture technology compliant CPU core complex (e200z0h)
— Compatible with Power Architecture instruction set
— Includes variable length encoding (VLE) instruction set for smaller code size footprint; with
the encoding of mixed 16-bit and 32-bit instructions, it is possible to achieve significant code
size footprint reduction over conventional Book E compliant code
On-chip ECC flash memory with flash controller
— As much as 1 MB primary flash—two 512 KB modules with prefetch buffer and 128-bit data
access port
— 64 KB data flash—separate 4
16 KB flash block for EEPROM emulation with prefetch buffer
and 128-bit data access port
As much as 48 KB on-chip ECC SRAM with SRAM controller
As much as 160 KB on-chip non-ECC graphics SRAM with SRAM controller
Memory Protection Unit (MPU) with as many as 12 region descriptors and 32-byte region
granularity to provide basic memory access permission
Interrupt Controller (INTC) with as many as 127 peripheral interrupt sources and eight software
interrupts
Two Frequency-Modulated Phase-Locked Loops (FMPLLs)
— Primary FMPLL provides a 64 MHz system clock
— Auxiliary FMPLL is available for use as an alternate, modulated or non-modulated clock
source to eMIOS modules and as alternate clock to the DCU for pixel clock generation
Crossbar switch architecture enables concurrent access of peripherals, flash memory or RAM from
multiple bus masters (AMBA 2.0 v6 AHB)
16-channel Enhanced Direct Memory Access controller (eDMA) with multiple transfer request
sources using a DMA channel multiplexer
Boot Assist Module (BAM) supports internal flash programming via a serial link (FlexCAN or
LINFlex)
Display Control Unit to drive TFT LCD displays
— Includes processing of as many as four planes that can be blended together
— Offers a direct unbuffered hardware bit-blitter of as many as 16 software-configurable dynamic
layers in order to drastically minimize graphic memory requirements and provide fast
animations
— Programmable display resolutions are available up to WVGA
Parallel Data Interface (PDI) for digital video input
LCD segment driver module with two software programmable configurations:
— As many as 40 frontplane drivers and four backplane drivers


Similar Part No. - SPXN1005VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN1005VLU64R FREESCALE-SPXN1005VLU64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - SPXN1005VLU64R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
   PXD10 Microcontroller
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com