Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAS1240LA3R0105 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part No. PAS1240LA3R0105
Description  CYLINDER TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS1240LA3R0105 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PAS1240LA3R0105 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS1240LA3R0105 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS1240LA3R0105 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS1240LA3R0105 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
202
12
capacitor02_e-01
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS
APPLICATIONS
Part Number
φD
L
φd
P
Low ESR type
(LR series)
PAS0815LR2R3105
8.0
15.0
0.6
3.5
PAS1016LR2R3205
10.0
16.0
0.6
5.0
Large Capacitance
type (LA series)
PAS0815LA2R3185
8.0
15.0
0.6
3.5
PAS1020LA2R3475
10.0
20.0
0.6
5.0
PAS1220LA2R3106
12.5
20.0
0.6
5.0
PAS1235LA2R3226
12.5
35.0
0.6
5.0
PAS1840LA2R3566
18.0
40.0
0.8
8.0
PAS1020LA3R0405
10.0
20.0
0.6
5.0
PAS1220LA3R0905
12.5
20.0
0.6
5.0
PAS1235LA3R0206
12.5
35.0
0.6
5.0
PAS1840LA3R0506
18.0
40.0
0.8
8.0
Unit : mm
PART NUMBERS
Part Number
Maximum Usable Voltage
(V)
Nominal Capacitance (F)
Internal Resistance (mΩ)
Low ESR type
(LR series)
PAS0815LR2R3105
2.3
1
70
PAS1016LR2R3205
2
50
Large Capacitance type
(LA series)
PAS0815LA2R3185
2.3
1.8
1000
PAS1020LA2R3475
4.7
300
PAS1220LA2R3106
10
200
PAS1235LA2R3226
22
150
PAS1840LA2R3566
56
50
PAS1020LA3R0405
3.0
4
300
PAS1220LA3R0905
9
200
PAS1235LA3R0206
20
100
PAS1840LA3R0506
50
70
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
PAS can store a large number of ions into its amorphous structure
(doping), therefore PAS capacitor has much larger capacitance than
conventional electric double layer capacitors.
Quick-charge with ampere measure is possible with its Low internal
resistance.
Possible to charge/discharge more than 100,000 times with
less deterioration caused by charging/discharging compared to
secondary battery which involves chemical reaction, and that enables
to more than 100,000 times charge/discharge and large excellence of
durability for over charge/discharge.
PAS capacitor is environmentally friendly power source, which does
not contain any heavy metals such as Cd,Hg and Pb.
(RoHS compliant)
Back-up power source for CPU, microcomputer, and flash memory writing
when shutting off the power.
Load change leveling (life lengthening of main power source such as
dry battery, Lithium primary battery)
Power source storage combined with solar cell, fuel cell, generator,
and so on.
Main power source for small devices
(Measuring equipments, toys and so on).
CYLINDER TYPE PAS CAPACITOR
Nominal Capacitance〔F〕
example
105
10×105μF=1F
566
56×106μF=56F
Dimensions/
L [mm]
15
15
16
16
20
20
35
35
40
40
Dimensions/
φD [mm]
08
8.0
10
10.0
12
12.5
18
18
Characteristic Spec
LR
Low ESR type
LA High Capacitance type
Maximum Usable
Voltage〔V〕
2R3
2.3
3R0
3.0
※R=decimal point
Type
PAS Polyacene Capacitors
P A S
0
8
1
5
L
R
2
R
3
1
0
5
WAVE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn