Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8771VH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8771VH
Description  PWM Constant-Current Control Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8771VH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8771VH Datasheet HTML 1Page - Sanyo Semicon Device LV8771VH Datasheet HTML 2Page - Sanyo Semicon Device LV8771VH Datasheet HTML 3Page - Sanyo Semicon Device LV8771VH Datasheet HTML 4Page - Sanyo Semicon Device LV8771VH Datasheet HTML 5Page - Sanyo Semicon Device LV8771VH Datasheet HTML 6Page - Sanyo Semicon Device LV8771VH Datasheet HTML 7Page - Sanyo Semicon Device LV8771VH Datasheet HTML 8Page - Sanyo Semicon Device LV8771VH Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LV8771VH
No.A2056-2/13
Recommendation Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VM
9 to 32
V
Logic input voltage
VIN
0 to 5.5
V
VREF input voltage range
VREF
0 to 3
V
Electrical Characteristics
at Ta = 25°C, VM = 24V, VREF = 1.5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby mode current drain
IMstn
ST = “L”
100
150
μA
Current drain
IM
ST = “H”, I01 = I11 = I02 = I12 = “L”, with no
load
2
3
mA
VREG5 output voltage
Vreg5
Ireg5 = -1mA
4.7
5
5.3
V
Thermal shutdown temperature
TSD
Design guarantee
150
180
210
°C
Thermal hysteresis width
ΔTSD
Design guarantee
40
°C
Motor driver
Output on resistance
Ronu
IO = 1.5A, Upper-side on resistance
0.6
0.78
Ω
Rond
IO = 1.5A, Lower-side on resistance
0.4
0.52
Ω
Output leakage current
IOleak
VM = 36V
50
μA
Diode forward voltage
VD
1.1
1.4
V
Logic high-level input voltage
VINH
2.0
V
Logic low-level input voltage
VINL
0.8
V
Logic pin input current
IINL
VIN = 0.8V
4
8
12
μA
IINH
VIN = 5V
30
50
70
μA
Current setting comparator
threshold voltage
Vtdac11
I01(02) = “H”, I11(12) = “H”
0.29
0.30
0.31
V
Vtdac01
I01(02) = “L”, I11(12) = “H”
0.20
0.21
0.22
V
Vtdac10
I01(02) = “H”, I11(12) = “L”
0.11
0.12
0.13
V
Chopping frequency
Fchop1
FC = “L”
24.8
31.0
37.2
kHz
Fchop2
FC = “H”
49.6
62.0
74.4
kHz
VREF pin input current
Iref
VREF = 1.5V
-0.5
μA
Charge pump
VG output voltage
VG
28
28.7
29.8
V
Rise time
tONG
VG = 0.1
μF
200
500
μS
Oscillator frequency
Fosc
100
125
150
kHz
Package Dimensions
unit : mm (typ)
3222A
SANYO : HSOP28(275mil)
1
28
14
15
2.7
15.0
0.2
0.3
2.0
0.8
(0.7)
Pd max – Ta
0
1.0
2.0
4.0
3.0
1.56
– 20
40
60
80
20
0100
Ambient temperature, Ta - C


Similar Part No. - LV8771VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8771VH ONSEMI-LV8771VH Datasheet
714Kb / 13P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results

Similar Description - LV8771VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V_10 Datasheet
329Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com