Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8771VH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV8771VH
Description  PWM Constant-Current Control Stepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8771VH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV8771VH Datasheet HTML 1Page - Sanyo Semicon Device LV8771VH Datasheet HTML 2Page - Sanyo Semicon Device LV8771VH Datasheet HTML 3Page - Sanyo Semicon Device LV8771VH Datasheet HTML 4Page - Sanyo Semicon Device LV8771VH Datasheet HTML 5Page - Sanyo Semicon Device LV8771VH Datasheet HTML 6Page - Sanyo Semicon Device LV8771VH Datasheet HTML 7Page - Sanyo Semicon Device LV8771VH Datasheet HTML 8Page - Sanyo Semicon Device LV8771VH Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
52312 SY 20120215-S00005 No.A2056-1/13
LV8771VH
Overview
The LV8771VH is a PWM current control stepping motor driver. It is ideally suited for driving stepping motors used in
office equipment and amusement applications.
Features
• 1 channel PWM current control stepping motor driver.
• IO max = 1.5A
• Output on-resistance (High side : 0.6Ω ; Low side : 0.4Ω ; total : 1.0Ω ; Ta = 25°C, IO = 1.5A).
• Micro step mode can be set to full-step, half-step (full torque), half-step, and quarter-step mode.
• Built-in thermal shutdown circuit.
• No control power supply necessary.
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VM max
36
V
Output peak current
IO peak
t
≤ 10ms, ON-duty ≤ 20%
1.75
A
Output current
IO max
1.5
A
Allowable power dissipation
Pd max
*
3.0
W
Logic input voltage
VIN max
-0.3 to +6
V
VREF input voltage
VREF max
-0.3 to +6
V
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified circuit board : 90.0mm
×90.0mm×1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Bi-CMOS LSI
PWM Constant-Current Control
Stepping Motor Driver
Ordering number : ENA2056


Similar Part No. - LV8771VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8771VH ONSEMI-LV8771VH Datasheet
714Kb / 13P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results

Similar Description - LV8771VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V_10 Datasheet
329Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com