Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8732V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV8732V
Description  PWM Constant-Current Control Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8732V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV8732V Datasheet HTML 1Page - Sanyo Semicon Device LV8732V Datasheet HTML 2Page - Sanyo Semicon Device LV8732V Datasheet HTML 3Page - Sanyo Semicon Device LV8732V Datasheet HTML 4Page - Sanyo Semicon Device LV8732V Datasheet HTML 5Page - Sanyo Semicon Device LV8732V Datasheet HTML 6Page - Sanyo Semicon Device LV8732V Datasheet HTML 7Page - Sanyo Semicon Device LV8732V Datasheet HTML 8Page - Sanyo Semicon Device LV8732V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LV8732V
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Chopping frequency
Fchop
Cchop = 200pF
40
50
60
kHz
CHOP pin charge/discharge current
Ichop
7
10
13
μA
Chopping oscillation circuit
threshold voltage
Vtup
0.8
1
1.2
V
VREF pin input current
Iref
VREF = 1.5V
-0.5
μA
MONI pin saturation voltage
Vsatmon
Imoni = 1mA
400
mV
Charge pump
VG output voltage
VG
28
28.7
29.8
V
Rise time
tONG
VG = 0.1
μF
200
μS
Oscillator frequency
Fosc
90
125
150
kHz
Output short-circuit protection
EMO pin saturation voltage
Vsatemo
Iemo = 1mA
400
mV
CEM pin charge current
Icem
Vcem = 0V
7
10
13
μA
CEM pin threshold voltage
Vtcem
0.8
1
1.2
V
Package Dimensions
unit : mm (typ)
3333
SANYO : SSOP44K(275mil)
15.0
(4.7)
0.22
0.2
0.65
(0.68)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
122
23
44
No.A1483-3/26


Similar Part No. - LV8732V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8732V ONSEMI-LV8732V Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8732V-MPB-H ONSEMI-LV8732V-MPB-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8732V-TLM-H ONSEMI-LV8732V-TLM-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
More results

Similar Description - LV8732V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com