Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8732V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV8732V
Description  PWM Constant-Current Control Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8732V Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV8732V_10 Datasheet HTML 7Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 8Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 9Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 10Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 11Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 12Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 13Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 14Page - Sanyo Semicon Device LV8732V_10 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LV8732V
No.A1483-11/26
(4) Setting constant-current control reference current
This IC is designed to automatically exercise PWM constant-current chopping control for the motor current by setting
the output current. Based on the voltage input to the VREF pin and the resistance connected between RF and GND,
the output current that is subject to the constant-current control is set using the calculation formula below :
IOUT = (VREF/5)/RF resistance
* The above setting is the output current at 100% of each excitation mode.
The voltage input to the VREF pin can be switched to four-step settings depending on the statuses of the two inputs,
ATT1 and ATT2. This is effective for reducing power consumption when motor holding current is supplied.
Attenuation function for VREF input voltage
ATT1
ATT2
Current setting reference voltage attenuation ratio
Low
Low
100%
High
Low
80%
Low
High
50%
High
High
20%
The formula used to calculate the output current when using the function for attenuating the VREF input voltage is
given below.
IOUT = (VREF/5) × (attenuation ratio)/RF resistance
Example : At VREF of 1.5V, a reference voltage setting of 100% [(ATT1, ATT2) = (L, L)] and an RF resistance of
0.3
Ω, the output current is set as shown below.
IOUT = 1.5V/5 × 100%/0.3Ω = 1.0A
If, in this state, (ATT1, ATT2) is set to (H, H), IOUT will be as follows :
IOUT = 1.0A × 20% = 200mA
In this way, the output current is attenuated when the motor holding current is supplied so that power can
be conserved.
(5) Blanking period
If, when exercising PWM constant-current chopping control over the motor current, the mode is switched from decay
to charge, the recovery current of the parasitic diode may flow to the current sensing resistance, causing noise to be
carried on the current sensing resistance pin, and this may result in erroneous detection. To prevent this erroneous
detection, a blanking period is provided to prevent the noise occurring during mode switching from being received.
During this period, the mode is not switched from charge to decay even if noise is carried on the current sensing
resistance pin.
In the stepping motor driver mode (DM = Low or Open) of this IC, the blanking time is fixed at approximately 1
μs.
In the DC motor driver mode (DM = High), the blanking time can be switched to one of two levels using the
RST/BLK pin. (Refer to "Blanking time switching function.")


Similar Part No. - LV8732V_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8732V-MPB-H ONSEMI-LV8732V-MPB-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8732V-TLM-H ONSEMI-LV8732V-TLM-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
More results

Similar Description - LV8732V_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T Datasheet
411Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V Datasheet
316Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8735V SANYO-LV8735V Datasheet
259Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8736LF SANYO-LV8736LF Datasheet
313Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8713T ONSEMI-LV8713T Datasheet
249Kb / 16P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com