Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PPXD2020VMG116R Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part No. PPXD2020VMG116R
Description  32-bit Power Architecture® Dual Core Microcontrollers for Industrial Networking
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXD2020VMG116R Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PPXD2020VMG116R Datasheet HTML 8Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 9Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 10Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 11Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 12Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 13Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 14Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 15Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PXN20 Product Brief, Rev. 1
Features
Freescale Semiconductor
12
2.6.8
Cross Triggering Unit (CTU)
The CTU features the following:
Collection of 9 bit timers with an exponential prescaler able to generate the trigger event for ADC
conversions
9-bit down counters counting from a programmable start value to 0
Different counters associated with different channel groups
Channel group is defined based on PWM channel clock
Different delay value for each eMIOS flag/PIT event
4-bit programmable exponential prescaler
Single cycle delayed trigger output. Trigger output is a combination of 64 input flags/events
connected to different timers in the system
Maskable interrupt generation whenever a trigger output is generated
Event configuration registers dedicated to UC flag/triggering event
Acknowledgement signal to eMIOS for clearing the flag
Synchronization with ADC to avoid collision
2.6.9
Serial Communication Interface Module (UART)
The PXN20 devices include up to two UART modules and support UART Master mode, UART Slave
mode and UART mode. The modules are UART state machine compliant to the UART 1.3 and 2.0 and 2.1
Specifications and handle UART frame transmission and reception without CPU intervention.
The serial communication interface module offers the following:
UART features:
— Full-duplex operation
— Standard non return-to-zero (NRZ) mark/space format
— Data buffers with 4-byte receive, 4-byte transmit
— Configurable word length (8-bit or 9-bit words)
— Error detection and flagging
– Parity, noise and framing errors
— Interrupt driven operation with 4 interrupts sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— 2 receiver wake-up methods
LIN features:
— Autonomous LIN frame handling
— Message buffer to store identifier and up to eight data bytes
— Supports message length of up to 64 bytes
— Detection and flagging of LIN errors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn