Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PPXD2020VMG116R Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part No. PPXD2020VMG116R
Description  32-bit Power Architecture® Dual Core Microcontrollers for Industrial Networking
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPXD2020VMG116R Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PPXD2020VMG116R Datasheet HTML 15Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 16Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 17Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 18Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 19Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 20Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 21Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 22Page - Freescale Semiconductor, Inc PPXD2020VMG116R Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
PXN20 Product Brief, Rev. 1
Orderable Parts
Freescale Semiconductor
22
4
Orderable Parts
Table 3. Orderable part number summary
Part number
Flash/SRAM
Package
Speed
(MHz)
MPXN2020VMG116
2 MB / 592 KB
208 MAPBGA (17 mm x 17 mm)
116
MPXN2120VMG116
2 MB / 128 KB
208 MAPBGA (17 mm x 17 mm)
116
MPX
20
Note: Not all options are available on all devices. See Table 3 for more information.
N
Qualification status
Brand
Family
Class
Flash memory size
Temperature range
V = –40 °C to 105 °C
Operating frequency
116 = 116 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification (engineering samples)
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
20 V
Temperature range
MG
Package identifier
116 R
Operating frequency
Tape and reel indicator
Package identifier
MG = 208 MAPBGA
(ambient)
Family
D = Display Graphics
N = Connectivity/Network
R = Performance/Real Tiime Control
S=Safety
Flash Memory Size
20 = 2 MB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn