Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LV8413GP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LV8413GP
Description  For DSC, and Cell Phone Camera Modules H-Bridge × 2-channel Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo 

LV8413GP Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LV8413GP
No.A1341-2/7
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage range 1
VM
2.5 to 5.5
V
Power supply voltage range 2
VCC
2.5 to 5.5
V
Logic input voltage range
VIN
0 to VCC+0.3
V
Input frequency
fIN
IN1 to 4, INA
to 100
kHz
Electrical Characteristics at Ta = 25°C, VM = 5V, VCC = 3.3V, unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby mode current drain
Istn
IN1 to 4 = “L”
1.0
μA
VM current drain
IM
Any one of IN1 to 4 = “H”, with no load
70
150
μA
VCC current drain
ICC
Any one of IN1 to 4 = “H”
0.6
1.2
mA
VCC low-voltage cutoff voltage
VthVCC
1.85
2.10
2.35
V
Low-voltage hysteresis voltage
VthHYS
100
150
200
mV
Thermal shutdown temperature
TSD
Design guarantee value *
160
180
200
°C
Thermal hysteresis width
ΔTSD
Design guarantee value *
10
30
50
°C
OUT1 to 4
Logic pin internal pull-down
resistance
Rin
IN1 to 4
50
100
200
k
Ω
Logic pin input current
IinL
VIN = 0, IN1 to 4
1.0
μA
IinH
VIN = 3.3V, IN1 to 4
20
33
60
μA
Logic input high-level voltage
VinH
IN1 to 4
2.5
V
Logic input low-level voltage
VinL
IN1 to 4
1.0
V
Output on-resistance
Ronu
IO = 400mA, upper ON resistance
0.5
0.8
Ω
Rond
IO = 400mA, lower ON resistance
0.3
0.5
Ω
Output leakage current
IOleak
1
μA
Diode forward voltage
VD
ID = -400mA
1.0
V
PI
Logic pin internal pull-down
resistance
Rin
INA
50
100
200
k
Ω
Logic pin input current
IinL
VIN = 0, INA
1.0
μA
IinH
VIN = 3.3V, INA
20
33
50
μA
Logic input high-level voltage
VinH
INA
2.5
V
Logic input low-level voltage
VinL
INA
1.0
V
Output on-resistance
Ron
IO = 10mA
4
6
Ω
Output leakage current
IOleak
1
μA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn