Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX255AK Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX255AK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX255AK Datasheet(HTML) 1 Page - Sony Corporation

  ICX255AK Datasheet HTML 1Page - Sony Corporation ICX255AK Datasheet HTML 2Page - Sony Corporation ICX255AK Datasheet HTML 3Page - Sony Corporation ICX255AK Datasheet HTML 4Page - Sony Corporation ICX255AK Datasheet HTML 5Page - Sony Corporation ICX255AK Datasheet HTML 6Page - Sony Corporation ICX255AK Datasheet HTML 7Page - Sony Corporation ICX255AK Datasheet HTML 8Page - Sony Corporation ICX255AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ICX255AK
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
Description
The ICX255AK is an interline CCD solid-state
image sensor suitable for PAL color video cameras
with a diagonal 6mm (Type1/3) system. Compared
with
the
current
product
ICX055BK,
basic
characteristics such as sensitivity, smear, dynamic
range and S/N are improved drastically through the
adoption of EXview HAD CCDTM technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
EXview HAD CCDTM has different spectral characteristics
from the current CCD.
Features
• High sensitivity (+6dB compared with the ICX055BK)
• Low smear (–20dB compared with the ICX055BK)
• High D range (+3dB compared with the ICX055BK)
• High S/N
• Low dark current
• Excellent antiblooming characteristics
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Continuous variable-speed shutter
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Reset gate:
5V drive
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels: 500 (H)
× 582 (V) approx. 290K pixels
• Total number of pixels:
537 (H)
× 597 (V) approx. 320K pixels
• Chip size:
6.00mm (H)
× 4.96mm (V)
• Unit cell size:
9.8µm (H)
× 6.3µm (V)
• Optical black:
Horizontal (H) direction : Front 7 pixels, rear 30 pixels
Vertical (V) direction
: Front 14 pixels, rear 1 pixel
• Number of dummy bits:
Horizontal 16
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
E99521-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
7
30
1
14
Pin 9
H
Optical black position
(Top View)
EXview HAD CCD is a trademark of Sony Corporation.
EXview HAD CCD is a CCD that drastically improves light efficiency by including near infrared light region as a basic structure of
HAD (Hole-Accumulation-Diode) sensor.
TM
16 pin DIP (Plastic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn