Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7946A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EN7946A
Description  PWM Current Control Stepping Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN7946A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EN7946A Datasheet HTML 1Page - Sanyo Semicon Device EN7946A Datasheet HTML 2Page - Sanyo Semicon Device EN7946A Datasheet HTML 3Page - Sanyo Semicon Device EN7946A Datasheet HTML 4Page - Sanyo Semicon Device EN7946A Datasheet HTML 5Page - Sanyo Semicon Device EN7946A Datasheet HTML 6Page - Sanyo Semicon Device EN7946A Datasheet HTML 7Page - Sanyo Semicon Device EN7946A Datasheet HTML 8Page - Sanyo Semicon Device EN7946A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LB11946
No.7946-4/14
Electrical Characteristics at Ta = 25
°C, VCC = 3.3V, VBB = 42V, VREF = 1.0V
(When measuring the sense voltage: VREF = 1.03V)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Block
IBB ON
0.9
1.3
1.7
mA
Output stage supply current
IBB OFF
0.52
0.7
1.05
mA
VO(sat) 1
IO = +0.5A (sink)
1.2
1.5
V
VO(sat) 2
IO = +1.0A (sink)
1.5
1.8
V
VO(sat) 3
IO = -0.5A (source)
2.0
2.3
V
Output saturation voltage
VO(sat) 4
IO = -1.0A (source)
2.3
2.6
V
IO1 (leak)
VO = VBB (sink)
50
µA
Output leakage current
IO2 (leak)
VO = 0V (source)
-50
µA
Output sustain voltage
VSUS
L = 15mH IO-1.5A, Design guarantee *
45
V
Logic Block
ICC ON
D0 = 1, D1 = 1, D2 = 1, D3 = 1
When these data values are set
21
30
39
mA
ICC OFF1
D0 = 0, D1 = 0, D2 = 0, D3 = 0
19
28
36.5
mA
Logic system supply current
ICC OFF2
ST = 0.8V
0.03
0.1
mA
VIH
2
V
Input voltage
VIL
0.8
V
IIH
VIH = 2V
35
µA
Input current
IIL
VIL = 0.8V
6
µA
D0 = 1, D1 = 1, D2 = 1, D3 = 1 VREF = 1.03V
0.303
0.330
0.356
V
D0 = 1, D1 = 1, D2 = 1, D3 = 0 VREF = 1.03V
0.290
0.315
0.341
V
D0 = 1, D1 = 1, D2 = 0, D3 = 1 VREF = 1.03V
0.276
0.300
0.324
V
D0 = 1, D1 = 1, D2 = 0, D3 = 0 VREF = 1.03V
0.263
0.286
0.309
V
D0 = 1, D1 = 0, D2 = 1, D3 = 1 VREF = 1.03V
0.250
0.272
0.294
V
D0 = 1, D1 = 0, D2 = 1, D3 = 0 VREF = 1.03V
0.236
0.257
0.278
V
D0 = 1, D1 = 0, D2 = 0, D3 = 1 VREF = 1.03V
0.223
0.243
0.263
V
D0 = 1, D1 = 0, D2 = 0, D3 = 0 VREF = 1.03V
0.209
0.228
0.247
V
D0 = 0, D1 = 1, D2 = 1, D3 = 1 VREF = 1.03V
0.183
0.200
0.217
V
D0 = 0, D1 = 1, D2 = 1, D3 = 0 VREF = 1.03V
0.155
0.170
0.185
V
D0 = 0, D1 = 1, D2 = 0, D3 = 1 VREF = 1.03V
0.128
0.143
0.158
V
D0 = 0, D1 = 1, D2 = 0, D3 = 0 VREF = 1.03V
0.102
0.114
0.126
V
D0 = 0, D1 = 0, D2 = 1, D3 = 1 VREF = 1.03V
0.074
0.085
0.096
V
Sense voltages
VE
D0 = 0, D1 = 0, D2 = 1, D3 = 0 VREF = 1.03V
0.047
0.057
0.067
V
Reference current
IREF
VREF = 1.0V
-0.5
µA
CR pin current
ICR
CR = 1.0V
-0.91
-0.7
-0.49
mA
MD pin current
IMD
MD = 1.0V, CR = 4.0V
-5.0
µA
LVSD voltage
VLSDON
2.6
2.8
3.0
V
Logic system off voltage
VLSDOFF
2.45
2.65
2.85
V
LVSD hysteresis
VLHIS
0.03
0.15
0.35
V
Thermal shutdown temperature
Ts
Design guarantee *
170
°C
*Design guarantee: Design guarantee value, Do not measurement.


Similar Part No. - EN7946A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7947B SANYO-EN7947B Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
More results

Similar Description - EN7946A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_12 Datasheet
114Kb / 16P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com