Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS1820LR2R3105 Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS1820LR2R3105
Description  CYLINDER TYPE PAS CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS1820LR2R3105 Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  PAS1820LR2R3105 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PAS1820LR2R3105 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PAS1820LR2R3105 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PAS1820LR2R3105 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
203
12
capacitor02_e-01
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
SPECIFICATIONS
LR Series
Part Number
Operating Temp.
Range (℃)
Max. Usable
Voltage (V)
Initial Capacitance
(F)
Initial Internal
Resistance (mΩ)
Temperature Characteristics
PAS0815LR2R3105
-25~+60
2.3
1.0±20%
Under 70
Lowest temperature (-25℃)
Capacitance
: Over 70% of initial spec.
Internal Resistance : Within 4 times of initial spec.
Highest temperature (60℃)
Capacitance, Internal Resistance : Within initial spec.
PAS1016LR2R3205
2.0±20%
Under 50
ELECTRICAL CHRACTERISTICS
Discharging Characteristics
Temperature Characteristics (Capacitance)
Temperature Characteristics (Internal Resistance)
PAS0815LR2R3105
1
0.0
0.5
1.0
1.5
2.0
2.5
SPECIFICATIONS
LA Series
Part Number
Operating Temp.
Range (℃)
Max. Usable
Voltage (V)
Initial Capacitance
(F)
Initial Internal
Resistance (mΩ)
Temperature Characteristics
PAS0815LA2R3185
-25~+60
2.3
1.8±20%
Under 1000
Lowest temperature (-25℃)
Capacitance
: Over 70% of initial spec.
Internal Resistance : Within 4 times of initial spec.
Highest temperature (60℃)
Capacitance, Internal Resistance : Within initial spec.
PAS1020LA2R3475
4.7±20%
Under 300
PAS1220LA2R3106
10±20%
Under 200
PAS1235LA2R3226
22±20%
Under 150
PAS1840LA2R3566
56±20%
Under 50
PAS1020LA3R0405
3.0
4.0±20%
Under 300
PAS1220LA3R0905
9.0±20%
Under 200
PAS1235LA3R0206
20±20%
Under 100
PAS1840LA3R0506
50±20%
Under 70
ELECTRICAL CHRACTERISTICS
PAS1235LA3R0206
1
10
100
1000 10000
Discharging Characteristics
Temperature Characteristics (Capacitance)
Temperature Characteristics (Internal Resistance)


Similar Part No. - PAS1820LR2R3105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS1840LA3R0506 TAIYO-YUDEN-PAS1840LA3R0506 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
More results

Similar Description - PAS1820LR2R3105

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LN2R7205 TAIYO-YUDEN-PAS0815LN2R7205 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1235LN2R7206 TAIYO-YUDEN-PAS1235LN2R7206 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7905 TAIYO-YUDEN-PAS1030LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1030LN2R7705 TAIYO-YUDEN-PAS1030LN2R7705 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1220LN2R7905 TAIYO-YUDEN-PAS1220LN2R7905 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1230LN2R7166 TAIYO-YUDEN-PAS1230LN2R7166 Datasheet
243Kb / 2P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS1020LN2R7405 TAIYO-YUDEN-PAS1020LN2R7405 Datasheet
170Kb / 1P
   Cylinder Type PAS Capacitor(High Reliability type)[LN series]
PAS311HR-VA6R TAIYO-YUDEN-PAS311HR-VA6R Datasheet
188Kb / 4P
   COIN TYPE PAS CAPACITOR
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
   THIN FILM TYPE PAS CAPACITOR
RSELT1562R7F40004 TAIYO-YUDEN-RSELT1562R7F40004_V01 Datasheet
298Kb / 2P
   Cylinder Type Electric Double-Layer Capacitor
2022.08.22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com