Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1845 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1845
Description  PWM Current Controlling Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1845 Datasheet HTML 1Page - Sanyo Semicon Device LB1845 Datasheet HTML 2Page - Sanyo Semicon Device LB1845 Datasheet HTML 3Page - Sanyo Semicon Device LB1845 Datasheet HTML 4Page - Sanyo Semicon Device LB1845 Datasheet HTML 5Page - Sanyo Semicon Device LB1845 Datasheet HTML 6Page - Sanyo Semicon Device LB1845 Datasheet HTML 7Page - Sanyo Semicon Device LB1845 Datasheet HTML 8Page - Sanyo Semicon Device LB1845 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
O1806 MS IM / D3096HA (OT) No.5505-1/9
LB1845
Overview
The LB1845 is a PWM current control type stepping motor driver that uses a bipolar drive scheme. It is particularly
suitable for driving carriage and paper feed stepping motors in printers and similar products.
Features
• PWM current control (fixed off time scheme)
• Digital load current selection function
• Sustained output voltage: 45V
• Built-in thermal shutdown circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB max
45
V
Peak output current
IO peak
tW
≤ 20µs
1.75
A
Continuous output current
IO max
1.5
A
Logic block supply voltage
VCC
7.0
V
Logic input voltage range
VIN
-0.3 to VCC
V
Emitter output voltage
VE
1.0
V
Pd max1
Independent IC
3.0
W
Allowable power dissipation
Pd max2
With an arbitrarily large heat sink
20.0
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Ordering number : EN5505D
Monolithic Digital IC
PWM Current Controlling
Stepping Motor Driver
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - LB1845

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
More results

Similar Description - LB1845

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com