Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1815JET100 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1815JET100
Description  Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1815JET100 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1815JET100 Datasheet HTML 1Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 2Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 3Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 4Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 5Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 6Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 7Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 8Page - NXP Semiconductors LPC1815JET100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ES_LPC185X_3X_2X_1X_FLASH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Errata sheet
Rev. 2.1 — 23 November 2012
4 of 11
NXP Semiconductors
ES_LPC185x/3x/2x/1x Flash
Errata sheet LPC185x/3x/2x/1x flash-based devices
3.
Functional problems detail
3.1 C_CAN.1: Writes to CAN registers write through to other peripherals
Introduction:
Controller Area Network (CAN) is the definition of a high performance communication
protocol for serial data communication. The C_CAN controller is designed to provide a full
implementation of the CAN protocol according to the CAN Specification Version 2.0B. The
C_CAN controller allows to build powerful local networks with low-cost multiplex wiring by
supporting distributed real-time control with a very high level of security.
Problem:
On the LPC185x flash-based devices, there is an issue with the C_CAN controller AHB
bus address decoding that applies to both C_CAN controllers. It affects the C_CAN
controllers when peripherals on the same bus are used. Writes to the ADC, DAC, I2C, and
I2S peripherals can update registers in the C_CAN controller. Specifically, writes to I2C0,
MCPWM, and I2S can affect C_CAN1. Writes to I2C1, DAC, ADC0, and ADC1 can affect
C_CAN0. The spurious C_CAN controller writes will occur at the address offset written to
the other peripherals on the same bus. For example, a write to ADC0 CR register which is
at offset 0 in the ADC, will result in the same value being written to the C_CAN0 CNTL
register which is at offset 0 in the C_CAN controller. Writes to the C_CAN controller will
not affect other peripherals.
Work-around:
Workarounds include: Using a different C_CAN peripheral. Peripherals I2C1, DAC, ADC0,
and ADC1 can be used at the same time as C_CAN1 is active without any interference.
The I2C0, MCPWM, and I2S peripherals can be used at the same time as C_CAN0 is
active without any interference. Another workaround is to gate the register clock to the
CAN peripheral in the CCU. This will prevent any writes to other peripherals from taking
effect in the CAN peripheral. However, gating the CAN clock will prevent the CAN
peripheral from operating and transmitting or receiving messages. This workaround is
most useful if your application is modal and can switch between different modes such as
an I2S mode and a CAN mode. Another workaround is to avoid writes to the peripherals
while CAN is active. For example, the ADC could be configured to sample continuously or
when triggered by a timer, before the CAN is configured. Afterwards, C_CAN0 can be
used since the ADC will operate without requiring additional writes.


Similar Part No. - LPC1815JET100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1815JET100 PHILIPS-LPC1815JET100 Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC1815JET100 NXP-LPC1815JET100 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
More results

Similar Description - LPC1815JET100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C66X PHILIPS-P89C66X Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
logo
NXP Semiconductors
ES-LPC407X-8X NXP-ES-LPC407X-8X Datasheet
31Kb / 6P
   Errata sheet LPC407x/8x
Rev. 1-24 September 2012
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
   PIC12C508/509 Data Sheet Errata
02/12/03
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com