Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1823JBD144 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC1823JBD144
Description  Errata sheet LPC185x, LPC183x, LPC182x, LPC181x flash-based devices
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1823JBD144 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC1823JBD144 Datasheet HTML 1Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 2Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 3Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 4Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 5Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 6Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 7Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 8Page - NXP Semiconductors LPC1823JBD144 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ES_LPC185X_3X_2X_1X_FLASH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Errata sheet
Rev. 2.1 — 23 November 2012
3 of 11
NXP Semiconductors
ES_LPC185x/3x/2x/1x Flash
Errata sheet LPC185x/3x/2x/1x flash-based devices
1.
Product identification
The LPC185x/3x/2x/1x flash-based devices (hereafter referred to as ‘LPC185x’) typically
have the following top-side marking:
LPC185xxxxxxx
xxxxxxxx
xxxYYWWxR[x]
The last/second to last letter in the last line (field ‘R’) will identify the device revision. This
Errata Sheet covers the following revisions of the LPC185x flash-based devices:
Field ‘YY’ states the year the device was manufactured. Field ‘WW’ states the week the
device was manufactured during that year.
2.
Errata overview
Table 1.
Device revision table
Revision identifier (R)
Revision description
‘-’
Initial device revision
Table 2.
Functional problems table
Functional
problems
Short description
Revision identifier
Detailed description
C_CAN.1
Writes to CAN registers write through to other
peripherals
‘-’
Section 3.1
EEPROM.1
Limited EEPROM retention and endurance
‘-’ (with date code
<1242)
Section 3.2
MCPWM.1
MCPWM abort pin not functional
‘-’
Section 3.3
PMC.1
PMC.x power management controller fails to wake up
from deep sleep, power down, or deep power down
‘-’
Section 3.4
Table 3.
AC/DC deviations table
AC/DC
deviations
Short description
Product version(s)
Detailed description
IBAT.1
VBAT supply current higher than expected
‘-’
Section 4.1
IRC.1
IRC frequency variation higher than expected
‘-’
Section 4.2
Table 4.
Errata notes table
Errata notes
Short description
Revision identifier
Detailed description
n/a
n/a
n/a
n/a


Similar Part No. - LPC1823JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1823JBD144 PHILIPS-LPC1823JBD144 Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC1823JBD144 NXP-LPC1823JBD144 Datasheet
2Mb / 155P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
   32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
More results

Similar Description - LPC1823JBD144

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C66X PHILIPS-P89C66X Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
logo
NXP Semiconductors
ES-LPC407X-8X NXP-ES-LPC407X-8X Datasheet
31Kb / 6P
   Errata sheet LPC407x/8x
Rev. 1-24 September 2012
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
   PIC12C508/509 Data Sheet Errata
02/12/03
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com