Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7988-1_1208 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7988-1_1208
Description  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7988-1_1208 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7988-1_1208 Datasheet HTML 10Page - Analog Devices AD7988-1_1208 Datasheet HTML 11Page - Analog Devices AD7988-1_1208 Datasheet HTML 12Page - Analog Devices AD7988-1_1208 Datasheet HTML 13Page - Analog Devices AD7988-1_1208 Datasheet HTML 14Page - Analog Devices AD7988-1_1208 Datasheet HTML 15Page - Analog Devices AD7988-1_1208 Datasheet HTML 16Page - Analog Devices AD7988-1_1208 Datasheet HTML 17Page - Analog Devices AD7988-1_1208 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. C | Page 14 of 24
THEORY OF OPERATION
COMP
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
CONTROL
LOGIC
SW+
LSB
SW–
LSB
IN+
REF
GND
IN–
MSB
MSB
C
C
4C
2C
16,384C
32,768C
C
C
4C
2C
16,384C
32,768C
Figure 29. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7988-1/AD7988-5 devices are fast, low power, single-
supply, precise 16-bit ADCs that use a successive approximation
architecture.
The AD7988-1 is capable of converting 100,000 samples per
second (100 kSPS), whereas the AD7988-5 is capable of a
throughput of 500 kSPS, and they power down between
conversions. When operating at 10 kSPS, for example, the
ADC consumes 70 µW typically, ideal for battery-powered
applications.
The AD7988-x provides the user with on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7988-x can be interfaced to any 1.8 V to 5 V digital logic
family. It is housed in a 10-lead MSOP or a tiny 10-lead LFCSP
(QFN) that combines space savings and allows flexible
configurations.
CONVERTER OPERATION
The AD7988-x is a successive approximation ADC based on a
charge redistribution DAC. Figure 29 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 16 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to GND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Therefore, the capacitor arrays are used as sampling capacitors
and acquire the analog signal on the IN+ and IN− inputs. When
the acquisition phase is completed and the CNV input goes high, a
conversion phase is initiated. When the conversion phase begins,
SW+ and SW− are opened first. The two capacitor arrays are then
disconnected from the inputs and connected to the GND input.
Therefore, the differential voltage between the IN+ and IN−
inputs captured at the end of the acquisition phase are applied
to the comparator inputs, causing the comparator to become
unbalanced. By switching each element of the capacitor array
between GND and REF, the comparator input varies by binary
weighted voltage steps (VREF/2, VREF/4 … VREF/65,536). The
control logic toggles these switches, starting with the MSB, to
bring the comparator back into a balanced condition. After the
completion of this process, the part returns to the acquisition phase
and the control logic generates the ADC output code.
Because the AD7988-x has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.


Similar Part No. - AD7988-1_1208

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
More results

Similar Description - AD7988-1_1208

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
List of Unclassifed Manufacturers
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
Analog Devices
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com