Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ17 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NC7WZ17
Description  TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ17 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NC7WZ17_12 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ17_12 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ17 • Rev. 1.0.6
2
Connection Diagrams
IEEC/IEC
A1
1
Y1
A2
Y2
Figure 1. Logic Symbol
Pin Configurations
A1
Y1
1
6
GND
VCC
2
5
A2
Y2
3
4
1
A1
2
GND
3
6
5
4
A2
Y1
VCC
Y2
Figure 2. SC70 (Top View)
Figure 3. MicroPak (Top Through View)
AAA
Pin One
Notes:
1.
AAA represents Product Code Top Mark (see ordering code).
2.
Orientation of Top Mark determines Pin One location. Read the top product code mark left to right.
Pin One is the lower left pin.
Figure 4. SC70 Pin 1 Orientation
Pin Definitions
Pin # SC70
Pin # MicroPak
Name
Description
1
1
A1
Input
2
2
GND
Ground
3
3
A2
Input
4
4
Y2
Output
5
5
VCC
Supply Voltage
6
6
Y1
Output
Function Table
Y = A
Inputs
Output
A
Y
L
L
H
H
H = HIGH Logic Level
L = LOW Logic Level


Similar Part No. - NC7WZ17_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ17FHX ONSEMI-NC7WZ17FHX Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ17FHX ONSEMI-NC7WZ17FHX Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
NC7WZ17FHX-L22175 ONSEMI-NC7WZ17FHX-L22175 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ17L6X FAIRCHILD-NC7WZ17L6X Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17L6X FAIRCHILD-NC7WZ17L6X Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
More results

Similar Description - NC7WZ17_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_11 Datasheet
521Kb / 9P
   TinyLogic짰 UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
NC7SZ14 FAIRCHILD-NC7SZ14_10 Datasheet
598Kb / 10P
   TinyLogic짰 UHS Inverter with Schmitt Trigger Input
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_15 Datasheet
156Kb / 7P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A_06 Datasheet
86Kb / 6P
   Dual Buffer with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com