Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ16 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7WZ16
Description  TinyLogic짰 UHS Dual Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ16 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7WZ16_10 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ16_10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ16 • Rev. 1.0.4
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
-0.5
7.0
V
VOUT
DC Output Voltage
-0.5
7.0
V
IIK
DC Input Diode Current
VIN < 0V
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
IOUT
DC Output Source / Sink Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±100
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Power Dissipation
SC70-6
180
mW
MicroPak™-6
130
MicroPak2™-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model, JEDEC:JESD22-C101
2000
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage Operating
1.65
5.50
V
Supply Voltage Data Retention
1.50
5.50
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
VCC
V
tr,tf
Input Rise and Fall Times
VCC=1.8V, 2.5V ±0.2V
0
20
ns/V
VCC=3.3V ±0.3V
0
10
VCC=5.5V ±0.5V
0
5
TA
Operating Temperature
-40
+125
°C
θ
JA
Thermal Resistance
SC70-6
425
°C/W
MicroPak™-6
500
MicroPak2™-6
560
Note:
3.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - NC7WZ16_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ16FHX ONSEMI-NC7WZ16FHX Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7WZ16FHX ONSEMI-NC7WZ16FHX Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ16L6X FAIRCHILD-NC7WZ16L6X Datasheet
94Kb / 7P
   TinyLogic UHS Dual Buffer
logo
ON Semiconductor
NC7WZ16L6X ONSEMI-NC7WZ16L6X Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
NC7WZ16L6X ONSEMI-NC7WZ16L6X Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
More results

Similar Description - NC7WZ16_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ34 FAIRCHILD-NC7SZ34 Datasheet
612Kb / 8P
   TinyLogic짰 UHS Buffer
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
NC7SZ125 FAIRCHILD-NC7SZ125_10 Datasheet
563Kb / 10P
   TinyLogic짰 UHS Buffer with Three-State Output
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com