Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ14 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7WZ14
Description  TinyLogic짰 UHS Dual Inverter with Schmitt Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ14 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7WZ14_11 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ14_11 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ14 • Rev. 1.0.7
7
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
4. FILENAME AND REVISION: MAC06AREV4
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
PIN 1 IDENTIFIER
(0.254)
5. PIN ONE IDENTIFIER IS 2X LENGTH OF ANY
5
OTHER LINE IN THE MARK CODE LAYOUT.
Figure 9. 6-Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
L6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7WZ14_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14EP6X ONSEMI-NC7WZ14EP6X Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ14EP6X ONSEMI-NC7WZ14EP6X Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ14FHX FAIRCHILD-NC7WZ14FHX Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14FHX ONSEMI-NC7WZ14FHX Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
More results

Similar Description - NC7WZ14_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
NC7SZ14 FAIRCHILD-NC7SZ14_10 Datasheet
598Kb / 10P
   TinyLogic짰 UHS Inverter with Schmitt Trigger Input
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14EP6X FAIRCHILD-NC7WZ14EP6X Datasheet
521Kb / 9P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com