Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ04 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7WZ04
Description  TinyLogic짰 UHS Dual Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ04 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7WZ04_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ04_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ04 • Rev. 1.0.2
7
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
MAC06AREVC
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
Figure 9. 6-Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
L6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7WZ04_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ04FHX ONSEMI-NC7WZ04FHX Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
NC7WZ04FHX ONSEMI-NC7WZ04FHX Datasheet
406Kb / 12P
   TinyLogic UHS Dual Inverter
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7WZ04L6X FAIRCHILD-NC7WZ04L6X Datasheet
96Kb / 7P
   TinyLogic UHS Dual Inverter
logo
ON Semiconductor
NC7WZ04L6X ONSEMI-NC7WZ04L6X Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
NC7WZ04L6X ONSEMI-NC7WZ04L6X Datasheet
406Kb / 12P
   TinyLogic UHS Dual Inverter
March, 2022 - Rev. 5
More results

Similar Description - NC7WZ04_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
NC7WZ16 FAIRCHILD-NC7WZ16_10 Datasheet
534Kb / 9P
   TinyLogic짰 UHS Dual Buffer
NC7WZ14 FAIRCHILD-NC7WZ14_11 Datasheet
521Kb / 9P
   TinyLogic짰 UHS Dual Inverter with Schmitt Trigger Inputs
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
NC7SZ14 FAIRCHILD-NC7SZ14_10 Datasheet
598Kb / 10P
   TinyLogic짰 UHS Inverter with Schmitt Trigger Input
NC7SZ34 FAIRCHILD-NC7SZ34 Datasheet
612Kb / 8P
   TinyLogic짰 UHS Buffer
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com