Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZU04L6X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SZU04L6X
Description  TinyLogic짰 UHS Unbuffered Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZU04L6X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SZU04L6X_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZU04L6X_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2009
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZU04 • Rev. 1.0.2
NC7SZU04
TinyLogic
® UHS Unbuffered Inverter
Features
Unbuffered for Crystal Oscillator and Analog
Applications
Balanced Output Drive: ±16mA at 4.5V VCC
Broad VCC Operating Range: 1.65V to 5.5V
Matches Performance of LCX Operated at 3.3V VCC
Low Quiescent Power: ICC<2µA, VCC=5.5V,
TA=25°C
Ultra-Small MicroPak™ Packages
Space-Saving SOT23 and SC70 Packages
Description
The NC7SZU04 is a single unbuffered inverter from
Fairchild’s Ultra-High Speed series of TinyLogic®. The
special purpose unbuffered circuit design is primarily
intended for crystal oscillator or analog applications.
The
device
is
fabricated
with
advanced
CMOS
technology to achieve ultra-high speed with high output
drive while maintaining low static power dissipation over
a broad VCC operating range. The device is specified to
operate over the 1.65V to 5.5V VCC range.
Ordering Information
Part Number
Top Mark
Eco
Status
Package
Packing Method
NC7SZU04M5X
7ZU4
RoHS
5-Lead SOT23, JEDEC MO-178 1.6mm
3000 Units on
Tape & Reel
NC7SZU04P5X
ZU4
RoHS
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3000 Units on
Tape & Reel
NC7SZU04L6X
C5
RoHS
6-Lead MicroPak™, 1.00mm Wide
5000 Units on
Tape & Reel
NC7SZU04FHX
C5
Green
6-Lead, MicroPak2, 1x1mm Body, .35mm Pitch
5000 Units on
Tape & Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - NC7SZU04L6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZU04L6X FAIRCHILD-NC7SZU04L6X Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04L6X ONSEMI-NC7SZU04L6X Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
NC7SZU04L6X ONSEMI-NC7SZU04L6X Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
NC7SZU04L6X ONSEMI-NC7SZU04L6X Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
More results

Similar Description - NC7SZU04L6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
logo
Fairchild Semiconductor
NC7SZ05 FAIRCHILD-NC7SZ05_09 Datasheet
600Kb / 10P
   TinyLogic짰 UHS Inverter, Open Drain Output
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com