Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ86L6X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ86L6X
Description  TinyLogic짰 UHS Two-Input Exclusive-OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ86L6X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ86L6X_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ86L6X_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ86 • Rev. 1.0.3
5
AC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to +85°C
Units
Figure
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay
1.65
CL=15pF,
RL=1MΩ
2.0
6.9
13.8
2.0
14.5
ns
Figure 4
Figure 5
1.80
2.0
5.7
11.5
2.0
12.0
2.50 ± 0.20
0.8
3.8
8.0
0.8
8.5
3.30 ± 0.30
0.5
3.0
5.7
0.5
6.0
5.00 ± 0.50
0.5
2.4
5.0
0.5
5.4
3.30 ± 0.30
CL=50pF,
RL=500Ω
1.5
3.5
6.2
1.5
6.5
5.00 ± 0.50
0.8
2.9
5.4
1.0
5.8
CIN
Input Capacitance
0.00
4
pF
CPD
Power Dissipation
Capacitance
(2)
3.30
25
pF
Figure 6
5.00
31
Note:
2.
CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating
current consumption (ICCD) at no output loading and operating at 50% duty cycle. CPD is related to ICCD dynamic
operating current by the expression: ICCD=(CPD)(VCC)(fIN)+(ICCstatic).
Note:
3.
CL includes load and stray capacitance.
Input PRR=10MHz tw=500ns.
Figure 4. AC Test Circuit
Figure 5. AC Waveforms
Note:
4.
Input=AC Waveform; tr=tf=1.8ns;
PRR=10MHz; Duty Cycle=50%
Figure 6. ICCD Test Circuit


Similar Part No. - NC7SZ86L6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ86L6X FAIRCHILD-NC7SZ86L6X Datasheet
107Kb / 8P
   TinyLogic UHS 2-Input Exclusive-OR Gate
NC7SZ86L6X FAIRCHILD-NC7SZ86L6X Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7SZ86L6X ONSEMI-NC7SZ86L6X Datasheet
593Kb / 11P
   UHS Two-Input Exclusive-OR Gate
October-2017, Rev . 2
More results

Similar Description - NC7SZ86L6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ32 FAIRCHILD-NC7SZ32_09 Datasheet
539Kb / 10P
   TinyLogic짰 UHS Two-Input OR Gate
logo
ON Semiconductor
NC7SZ86 ONSEMI-NC7SZ86 Datasheet
593Kb / 11P
   UHS Two-Input Exclusive-OR Gate
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ00 FAIRCHILD-NC7SZ00_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32 Datasheet
263Kb / 12P
   UHS Two-Input OR Gate
August-2017, Rev . 2
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7WZ86 ONSEMI-NC7WZ86 Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
NC7SZ386 ONSEMI-NC7SZ386_V01 Datasheet
270Kb / 9P
   TinyLogic UHS Three-Input Exclusive-OR Gate
March, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com