Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ86M5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ86M5X
Description  TinyLogic짰 UHS Two-Input Exclusive-OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ86M5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ86M5X_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ86M5X_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ86 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
6.0
V
VIN
DC Input Voltage
-0.5
6.0
V
VOUT
DC Output Voltage
-0.5
6.0
V
IIK
DC Input Diode Current
VIN < -0.5V
-50
mA
VIN > 6.0V
+20
IOK
DC Output Diode Current
VOUT < -0.5V
-50
mA
VOUT > 6V, VCC=GND
+20
IOUT
DC Output Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Power Dissipation at +85°C
SOT-23
200
mW
SC70-5
150
MicroPak-6
130
MicroPak2-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model: JEDEC:JESD22-C101
2000
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage Operating
1.65
5.50
V
Supply Voltage Data Retention
1.50
5.50
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
tr, tf
Input Rise and Fall Times
VCC=1.8V, 2.5V ± 0.2V
0
20
ns/V
VCC=3.3V ± 0.3V
0
10
VCC=5.0V ± 0.5V
0
5
θ
JA
Thermal Resistance
SOT-23
300
°C/W
SC70-5
425
MicroPak-6
500
MicroPak2-6
560
Note:
1.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - NC7SZ86M5X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ86M5X_NL FAIRCHILD-NC7SZ86M5X_NL Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
More results

Similar Description - NC7SZ86M5X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ32 FAIRCHILD-NC7SZ32_09 Datasheet
539Kb / 10P
   TinyLogic짰 UHS Two-Input OR Gate
logo
ON Semiconductor
NC7SZ86 ONSEMI-NC7SZ86 Datasheet
593Kb / 11P
   UHS Two-Input Exclusive-OR Gate
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ00 FAIRCHILD-NC7SZ00_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32 Datasheet
263Kb / 12P
   UHS Two-Input OR Gate
August-2017, Rev . 2
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NC7WZ86 ONSEMI-NC7WZ86 Datasheet
278Kb / 9P
   UHS Dual 2-Input Exclusive-OR Gate
Revised January 2005
NC7SZ386 ONSEMI-NC7SZ386_V01 Datasheet
270Kb / 9P
   TinyLogic UHS Three-Input Exclusive-OR Gate
March, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com