Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX248AL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX248AL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX248AL Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Description
The ICX248AL is an interline CCD solid-state
image sensor suitable for EIA black-and-white video
cameras with a diagonal 8mm (Type 1/2) system.
Sensitivity,
smear,
D-range,
S/N
and
other
characteristics from visible light area to near infrared
light area, have been greatly improved compared
with the ICX038DLA through the adoption of EXview
HAD CCDTM technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
This chip is compatible with and can replace the
ICX038DLA.
Features
• Sensitivity in the near infrared light area
(+12dB compared with the ICX038DLA,
λ = 945nm)
• High sensitivity
(+9dB compared with the ICX038DLA, without IR cut filter)
• Low smear (–15dB compared with the ICX038DLA)
• High D range (+2dB compared with the ICX038DLA)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Substrate bias:
Adjustment free (external adjustment also possible with 6 to 14V)
• Reset gate pulse:
5Vp-p adjustment free (drive also possible with 0 to 9V)
• Horizontal register:
5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 8mm (Type 1/2)
• Number of effective pixels:
768 (H)
× 494 (V) approx. 380K pixels
• Total number of pixels:
811 (H)
× 508 (V) approx. 410K pixels
• Chip size:
7.95mm (H)
× 6.45mm (V)
• Unit cell size:
8.4µm (H)
× 9.8µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX248AL
E98728A99
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
20 pin DIP (Cer-DIP)
Pin 1
V
3
40
2
12
Pin 11
H
Optical black position
(Top View)
TM
EXview HAD CCD is a trademark of Sony Corporation EXview HAD CCD is a CCD that drastically improves light efficiency by including
near infrared light region as a basic structure of HAD (Hole-Accnmulation Diode) sensor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn