Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64001-3901 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 64001-3901
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

64001-3901 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  64001-3901 Datasheet HTML 1Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 2Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 3Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 4Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 5Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 6Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 7Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 8Page - Molex Electronics Ltd. 64001-3901 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 3 of 9
Revision: K
Revision Date: 05-06-08
Wire Size: 4 25.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0086
F-767-56
.438 11.11 .432 10.97
19063-0089
F-770-34
.432 10.97 .432 10.97
19067-0076
F-966-12
.501 12.73 .510 12.95
19067-0077
F-966-14
.501 12.73 .510 12.95
19067-0078
F-966-38
.501 12.73 .510 12.95
19067-0079
F-966-56
.501 12.73 .510 12.95
19067-0080
F-966-76
.501 12.73 .510 12.95
19067-0081
F-967-10
.501 12.73 .510 12.95
19067-0082
F-967-14
.501 12.73 .510 12.95
19067-0084
F-967-56
.501 12.73 .510 12.95
19067-0085
F-969-12
.501 12.73 .510 12.95
19067-0087
F-969-58
.501 12.73 .510 12.95
19067-0088
F-970-34
.501 12.73 .510 12.95
19071-0231
F-666-10X
.425 10.80 .515 13.08
19071-0234
F-666-12X
.425 10.80 .515 13.08
19071-0237
F-666-14X
.425 10.80 .515 13.08
19071-0240
F-666-38X
.425 10.80 .515 13.08
19071-0243
F-666-56X
.425 10.80 .515 13.08
19071-0250
F-667-10X
.425 10.80 .515 13.08
19071-0253
F-667-14X
.425 10.80 .515 13.08
19154-0048
F-664X
.745 19.15 .605 15.37
19193-0254
F-366-10
.447 11.35 N/A
N/A
19193-0258
F-366-12
.447 11.35 N/A
N/A
19193-0261
F-366-14
.447 11.35 N/A
N/A
19193-0278
F-367-56
.447 11.35 N/A
N/A
19193-0283
F-369-38
.447 11.35 N/A
N/A
19193-0285
F-369-58
.447 11.35 N/A
N/A
19193-0289
F-370-34
.447 11.35 N/A
N/A
19193-0293
F-370-58
.447 11.35 N/A
N/A
19202-0056
F-764
.547 13.89 .432 10.97
19205-0007
F-365
.547 13.89 N/A
N/A
19215-0045
F-364
.547 13.89 N/A
N/A
Wire Size: 2 35.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0094
G-774-14
.495 12.57 .512 13.00
19063-0097
G-774-58
.495 12.57 .512 13.00
19067-0090
G-974-12
.559 14.20 .600 15.24
19067-0092
G-974-38
.559 14.20 .600 15.24
19067-0093
G-974-56
.559 14.20 .600 15.24
19067-0094
G-974-76
.559 14.20 .600 15.24
19067-0095
G-975-10
.559 14.20 .600 15.24
19067-0096
G-975-14
.559 14.20 .600 15.24
19067-0097
G-975-38
.559 14.20 .600 15.24
19067-0098
G-975-56
.559 14.20 .600 15.24
19067-0099
G-977-34
.559 14.20 .600 15.24
19067-0100
G-977-58
.559 14.20 .600 15.24
Wire Size: 2 35.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19071-0272
G-674-12X
.490 12.45 .650 16.51
19071-0273
G-674-14X
.490 12.45 .650 16.51
19071-0277
G-674-58X
.490 12.45 .650 16.51
19071-0279
G-675-10X
.490 12.45 .650 16.51
19071-0281
G-675-14X
.490 12.45 .650 16.51
19071-0283
G-675-38X
.490 12.45 .650 16.51
19071-0285
G-675-56X
.490 12.45 .650 16.51
19154-0049
G-672X
.640 16.25 .650 16.51
19193-0297
G-374-14
.505 12.83 N/A
N/A
19193-0298
G-374-38
.505 12.83 N/A
N/A
19193-0299
G-374-56
.505 12.83 N/A
N/A
19193-0320
G-377-34
.490 12.45 N/A
N/A
19205-0008
G-373
.680 17.27 N/A
N/A
19215-0046
G-372
.610 15.49 N/A
N/A
MILITARY
Wire Size: 8 8.50mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19193-0152
D-350-14
.315 8.00 N/A
N/A
19193-0167
D-351-38
.320 8.13 N/A
N/A
19193-0171
D-351-56
.320 8.13 N/A
N/A
19193-0179
D-352-12
.330 8.38 N/A
N/A
19193-0200
D-356-08
.358 9.08 N/A
N/A
19193-0202
D-356-10
.358 9.08 N/A
N/A
MILITARY
Wire Size: 6 16.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum.
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0054
E-757-38
.368 9.35 .345 8.76
19063-0056
E-757-56
.368 9.35 .345 8.76
19063-0071
E-760-10
.368 9.35 .345 8.76
19063-0073
E-760-14
.368 9.35 .345 8.76
19193-0216
E-357-38
.395 9.65 N/A
N/A
19193-0219
E-357-56
.395 9.65 N/A
N/A
19193-0226
E-358-12
.375 9.52 N/A
N/A
19193-0245
E-360-10
.392 9.96 N/A
N/A
19193-0248
E-360-14
.392 9.96 N/A
N/A
MILITARY
Wire Size: 4 25.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm


Similar Part No. - 64001-3901

ManufacturerPart #DatasheetDescription
logo
MolexKits
64001-3900 MOLEXKITS-64001-3900 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
64001-3900 MOLEX11-64001-3900 Datasheet
41Kb / 1P
   Hand Crimp Tool
64001-3900 MOLEX-64001-3900 Datasheet
319Kb / 9P
   MCT-8200 Hand Crimp Tool
05-06-08
More results

Similar Description - 64001-3901

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com