Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX209AK Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX209AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX209AK Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX209AK Datasheet HTML 4Page - Sony Corporation ICX209AK Datasheet HTML 5Page - Sony Corporation ICX209AK Datasheet HTML 6Page - Sony Corporation ICX209AK Datasheet HTML 7Page - Sony Corporation ICX209AK Datasheet HTML 8Page - Sony Corporation ICX209AK Datasheet HTML 9Page - Sony Corporation ICX209AK Datasheet HTML 10Page - Sony Corporation ICX209AK Datasheet HTML 11Page - Sony Corporation ICX209AK Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
– 8 –
ICX229AK
Image Sensor Characteristics
(Ta = 25°C)
Item
Sensitivity
Sensitivity ratio
Saturation signal
Smear
Video signal shading
Uniformity between video
signal channels
Dark signal
Dark signal shading
Flicker Y
Flicker R-Y
Flicker B-Y
Line crawl R
Line crawl G
Line crawl B
Line crawl W
Lag
S
RMgG
RYeCy
Ysat
Sm
SHy
∆Sr
∆Sb
Ydt
∆Ydt
Fy
Fcr
Fcb
Lcr
Lcg
Lcb
Lcw
Lag
350
0.93
1.15
720
440
–100
1.35
1.48
–90
20
25
10
10
2
1
2
5
5
3
3
3
3
0.5
mV
mV
dB
%
%
%
%
mV
mV
%
%
%
%
%
%
%
%
1
2
2
3
4
5
5
6
6
7
8
9
9
9
10
10
10
10
11
Ta = 60°C
Zone 0 and I
Zone 0 to II'
Ta = 60°C
Ta = 60°C
Symbol
Min.
Typ.
Max.
Unit
Measurement method
Remarks
Zone Definition of Video Signal Shading
6
8
582 (V)
12
12
752 (H)
V
10
H
8
H
8
V
10
Effective pixel region
Ignored region
Zone 0, I
Zone II, II'
Measurement System
CCD
C.D.S
LPF1
LPF2
S H
AMP
CCD signal output
Y signal output
Chroma signal output
(3dB down 6.3MHz)
(3dB down 1MHz)
S H
Note) Adjust the amplifier gain so that the gain between [∗A] and [∗Y] , and between [∗A] and [∗C] equals 1.
[∗A]
[∗Y]
[∗C]


Similar Part No. - ICX209AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
204Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX209AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AK SONY-ICX069AK Datasheet
233Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AK SONY-ICX087AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com