Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLP4555 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FXLP4555
Description  1.8V / 3.0V SIM Card Power Supply and Level Shifter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP4555 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FXLP4555 Datasheet HTML 1Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 2Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 3Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 4Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 5Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 6Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 7Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 8Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
2
Application Diagram
Figure 1.
Typical Application
Functional Block Diagram
Figure 2.
Block Diagram
1
13
15
14
7
11
8
9
LDO:
1.8V/3V
at 50mA
5
VBAT
VCC_C
2
3
VCCA
VSEL
I/O_H
CLK_H
RST_H
RST_C
CLK_C
I/O_C
Unidirectional
Driver
Unidirectional
Driver
Bidirectional NpassGate
With Edge Rate
Accelerators
18K
14K
10
GND
EN
GND
GND
GND
GND
VCCA
VCC_C


Similar Part No. - FXLP4555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
FXLP4555MPX ONSEMI-FXLP4555MPX Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
More results

Similar Description - FXLP4555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com