Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLP4555 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FXLP4555
Description  1.8V / 3.0V SIM Card Power Supply and Level Shifter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP4555 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FXLP4555 Datasheet HTML 4Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 5Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 6Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 7Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 8Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 9Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 10Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 11Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
8
Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
I/O_C
VCC_C=+3.0V
(VSEL=HIGH)
Output VOH at II/O_C=-20µA, VI/O=VDD
0.8 •
VCC_C
VCC_C
V
Output VOL at II/O_C=+1mA, VI/O=0V
0
0.4
V
I/O_C Rise Time at COUT=30pF
(10% - 90%)
(3)
1
µs
I/O_C Fall Time at COUT=30pF
(90% - 10%)
(3)
1
µs
VCC_C=+1.8V
(VSEL=LOW)
Output VOH at II/O_C=-20µA, VI/O=VDD
0.8 •
VCC_C
VCC_C
V
Output VOL at II/O_C=+1mA, VI/O=0V
0
0.3
V
I/O_C Rise Time at COUT=30Pf
(10% - 90%)
(3)
1
µs
I/O_C Fall Time at COUT=30pF
(90% - 10%)
(3)
1
µs
Rpu_I/O_C
Card I/O Pull-Up
Resistor
10
14
18
kΩ
Notes:
3.
Guaranteed by design over the specified operating temperature range.
4.
All the dynamic specifications (AC specifications) are guaranteed by characterization over the specified operating
temperature range, unless otherwise indicated.


Similar Part No. - FXLP4555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
FXLP4555MPX ONSEMI-FXLP4555MPX Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
More results

Similar Description - FXLP4555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com