Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLP34L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FXLP34L6X
Description  Single Bit Uni-Directional Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP34L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FXLP34L6X_11 Datasheet HTML 1Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 2Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 3Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 4Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 5Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 6Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 7Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 8Page - Fairchild Semiconductor FXLP34L6X_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP34 • Rev. 1.0.4
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC, VCC1
Supply Voltage
-0.5
+4.6
V
VIN
DC Input Voltage
-0.5
+4.6
V
VOUT
DC Output Voltage
HIGH or LOW State
(1)
-0.5
VCC +0.5V
V
VCC=0V
-0.5
+4.6
IIK
DC Input Diode Current
VIN < 0
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
VOUT > VCC
+50
IOH/IOL
DC Output Source/Sink Current
±50
mA
ICC or IGND
DC VCC or Ground Current per Supply Pin
±100
mA
TSTG
Storage Temperature Range
-65
150
°C
PD
Power Dissipation at +85°C
SC70-6
180
mW
MicroPak™-6
130
MicroPak2™-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model, JEDEC:JESD22-C101
2000
Note:
1.
IO Absolute Maximum Rating must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC, VCC1
Supply Voltage
1.0
3.6
V
VIN
Input Voltage
0
3.6
V
VOUT
Output Voltage
HIGH or LOW State
0
VCC
V
VCC=0V
0
3.6
IOH/IOL
Output Current in IOH/IOL
VCC=3.0 to 3.6V
±2.6
mA
VCC=2.3 to 2.7V
±2.1
VCC=1.65 to 1.95V
±1.5
VCC=1.40 to 1.60V
±1.0
VCC=1.10 to 1.30V
±0.5
VCC=1.0V
±20
µA
TA
Operating Temperature, Free Air
-40
+85
°C
JA
Thermal Resistance
SC70-6
425
°C/W
MicroPak™-6
500
MicroPak2™-6
560
Note:
2.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - FXLP34L6X_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34L6X FAIRCHILD-FXLP34L6X Datasheet
322Kb / 11P
   Single Bit Uni-Directional Translator
FXLP34L6X FAIRCHILD-FXLP34L6X Datasheet
726Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34L6X FAIRCHILD-FXLP34L6X Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34L6X ONSEMI-FXLP34L6X Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
More results

Similar Description - FXLP34L6X_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34_06 Datasheet
726Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34 ONSEMI-FXLP34 Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34 FAIRCHILD-FXLP34 Datasheet
322Kb / 11P
   Single Bit Uni-Directional Translator
logo
Rectron Semiconductor
TEP12T RECTRON-TEP12T Datasheet
293Kb / 5P
   Single Line Uni-directional Transient Voltage Suppressor
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com