Electronic Components Datasheet Search |
|
FXLA2203 Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
FXLA2203 Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 16 page © 2010 Fairchild Semiconductor Corporation www.fairchildsemi.com FXLA2203 • Rev. 1.0.5 6 DC Electrical Characteristics TA=-40 °C to +85°C; pins EN, CH_Swap. Symbol Parameter Conditions VCC (V) Min. Max. Unit VIL Low-Level Input Voltage 3.60 0.65 V 1.80 0.45 V VIH High-Level Input Voltage 3.60 1.2 V 1.80 0.9 V IL Input Leakage Current VI=VCC or GND, I/O Floating 1.65 – 3.60 ±1 µA I CCT Increase in ICC per Pin VIN=1.8V 3.60 12 µA VIN=0.9V 1.80 10 µA DC Electrical Characteristics TA=-40 °C to +85°C; pins RST_1, RST_2, RST_H_1, RST_H_2, CLK_1, CLK_2, CLK_H_1, CLK_H_2. Symbol Parameter Conditions VCC_H_n (V) VCCn (V) Min. Typ. Max. Unit VIL Low-Level Input Voltage 1.65 – 3.60 1.65 – 3.60 0.35 x VCC_H_n V VIH High-Level Input Voltage 1.65 – 3.60 1.65 – 3.60 0.65 x VCC_H_n V VOL Low-Level Output Voltage IOL=20µA 1.65 – 3.60 1.65 – 3.60 0.12 x VCCn V VOH High-Level Output Voltage IOH=-20µA 1.65 – 3.60 1.65 – 3.60 0.80 x VCCn V II Input Leakage Current VI=VCC or GND 1.65 – 3.60 3.60 ±1 µA IOFF Power-Off Leakage Current VO=0V to 3.6V 3.60 0 ±1 µA IOZ 3-State Output Leakage VO=0V or 3.6V, EN=GND 3.60 3.60 ±1 µA VO=0V or 3.6V, EN=1 0 3.60 ±1 ICC Quiescent Supply Current VI=VCC or GND; IO=0, EN=VCC, I/O Floating 1.65 – 3.60 1.65 – 3.60 3 µA ICCZ Power-Down Supply Current VI=VCC or GND; IO=0, EN=GND 1.65 – 3.60 1.65 – 3.60 3 µA RONPS Power Switch On Resistance, EN=1 ION=50mA, VCCn to VCC_Cardn 1.65 – 3.60 1.65 – 3.60 0.5 0.8 Ω ROFPS Power Switch OFF Resistance, EN=0 CH_Swap=0 and 1, VCC1/2=3.3V 1.65 – 3.60 1.80 – 3.60 50 M Ω |
Similar Part No. - FXLA2203 |
|
Similar Description - FXLA2203 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |