Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLA108 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FXLA108
Description  Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA108 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FXLA108_12 Datasheet HTML 4Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 5Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 6Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 7Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 8Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 9Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 10Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 11Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLA108 • Rev. 1.0.5
8
Dynamic Output Electrical Characteristic
A Port (An)
Output Load: CL=15pF, RL
≥ MΩ (CI/O=4pF), TA=-40 to 85°C
Symbol
Parameter
VCCA=3.0V
to 3.6V
VCCA=2.3V
to 2.7V
VCCA=1.65V
to 1.95V
VCCA=1.4V
to 1.6V
VCCA=1.1V
to 1.3V
Units
Typ.
Max.
Typ.
Max.
Typ.
Max
Typ.
Max.
Typ.
trise
Output Rise
Time A Port
(9)
3.0
3.5
4.0
5.0
7.5
ns
tfall
Output Fall
Time A
Port
(10)
3.0
3.5
4.0
5.0
7.5
ns
IOHD
Dynamic
Output
Current
High
(9)
-11.4
-7.5
-4.7
-3.2
-1.7
mA
IOLD
Dynamic
Output
Current
Low
(10)
+11.4
+7.5
+4.7
+3.2
+1.7
mA
B Port (Bn)
Output Load: CL=15pF, RL
≥ MΩ (CI/O=5pF), TA=-40 to 85°C
Symbol
Parameter
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Units
Typ.
Max.
Typ.
Max.
Typ.
Max
Typ.
Max.
Typ.
trise
Output Rise
Time B Port
(9)
3.0
3.5
4.0
5.0
7.5
ns
tfall
Output Fall
Time B
Port
(10)
3.0
3.5
4.0
5.0
7.5
ns
IOHD
Dynamic
Output
Current
High
(9)
-12.0
-7.9
-5.0
-3.4
-1.8
mA
IOLD
Dynamic
Output
Current
Low
(10)
+12.0
+7.9
+5.0
+3.4
+1.8
mA
Notes:
8.
Dynamic output characteristics are guaranteed, but not tested.
9.
See Figure 7.
10. See Figure 8.


Similar Part No. - FXLA108_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA108BQX FAIRCHILD-FXLA108BQX Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
ON Semiconductor
FXLA108BQX ONSEMI-FXLA108BQX Datasheet
623Kb / 19P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator
March 2012 Rev. 1.0.5
More results

Similar Description - FXLA108_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com