Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLA101 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FXLA101
Description  Low-Voltage Dual-Supply 1-Bit Voltage Translator with Auto Direction Sensing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA101 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FXLA101 Datasheet HTML 3Page - Fairchild Semiconductor FXLA101 Datasheet HTML 4Page - Fairchild Semiconductor FXLA101 Datasheet HTML 5Page - Fairchild Semiconductor FXLA101 Datasheet HTML 6Page - Fairchild Semiconductor FXLA101 Datasheet HTML 7Page - Fairchild Semiconductor FXLA101 Datasheet HTML 8Page - Fairchild Semiconductor FXLA101 Datasheet HTML 9Page - Fairchild Semiconductor FXLA101 Datasheet HTML 10Page - Fairchild Semiconductor FXLA101 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FLXA101 • Rev. 1.0.4
7
DC Electrical Characteristics (Continued)
TA=-40 to 85°C.
Symbol
Parameter
Conditions
VCCA (V)
VCCB (V)
Min.
Max.
Units
II(ODH)
Bus-Hold Input
Overdrive High
Current
(4)
Data Inputs An, Bn
3.60
3.60
450.00
µA
2.70
2.70
300.00
1.95
1.95
200.00
1.60
1.60
120.00
1.40
1.40
80.00
II(ODL)
Bus-Hold Input
Overdrive Low
Current
(5)
Data Inputs An, Bn
3.60
3.60
-450.00
µA
2.70
2.70
-300.00
1.95
1.95
-200.00
1.60
1.60
-120.00
1.40
1.40
-80.00
II
Input Leakage Current
Control Inputs /OE,
VI=VCCA or GND
1.10 to 3.60
3.60
±1.0
µA
IOFF
Power-Off Leakage
Current
An VO=0V to 3.6V
0
3.6
±2.0
µA
Bn VO=0V to 3.6V
3.60
0
±2.0
IOZ
3-State Output
Leakage
An, Bn VO=0V or 3.6V,
/OE=VIH
3.6
3.60
±5.0
µA
An VO=0V or 3.6V,
/OE=GND
3.60
0
±5.0
Bn VO=0V or 3.6V,
/OE=GND
0
3.60
±5.0
ICCA/B
Quiescent Supply
Current
(6, 7)
VI=VCCI or GND; IO=0,
/OE=GND
1.10 to 3.60 1.10 to 3.60
10.0
µA
ICCZ
VI=VCCI or GND; IO=0,
/OE=VIH
1.10 to 3.60 1.10 to 3.60
10.0
µA
ICCA
Quiescent Supply
Current
VI=VCCB or GND; IO=0
B-to-A Direction,
/OE=GND
0
1.10 to 3.60
-10.0
µA
VI=VCCA or GND; IO=0
A-to-B Direction
1.10 to 3.60
0
10.0
ICCB
VI=VCCA or GND; IO=0,
A-to-B Direction,
/OE=GND
1.10 to 3.60
0
-10.0
µA
VI=VCCB or GND; IO=0
B-to-A Direction
0
1.10 to 3.60
10.0
Notes:
3.
This is the output voltage for static conditions. Dynamic drive specifications are given in the Dynamic Output
Electrical Characteristics table.
4.
An external drive must source at least the specified current to switch LOW-to-HIGH.
5.
An external drive must source at least the specified current to switch HIGH-to-LOW.
6.
VCCI is the VCC associated with the input side.
7.
Reflects current per supply, VCCA or VCCB.


Similar Part No. - FXLA101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA101FHX ONSEMI-FXLA101FHX Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA101L6X ONSEMI-FXLA101L6X Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
More results

Similar Description - FXLA101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
logo
Toshiba Semiconductor
TC7LX0104MU TOSHIBA-TC7LX0104MU Datasheet
222Kb / 16P
   Low-Voltage, Low-Power 4-Bit Dual-Supply Bus Transceiver with Auto Direction Sensing
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com