Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLR Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # PLR
Description  NBFM Multi channel Data Packet Link Radios
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLR Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button PLR Datasheet HTML 4Page - Radiometrix Ltd PLR Datasheet HTML 5Page - Radiometrix Ltd PLR Datasheet HTML 6Page - Radiometrix Ltd PLR Datasheet HTML 7Page - Radiometrix Ltd PLR Datasheet HTML 8Page - Radiometrix Ltd PLR Datasheet HTML 9Page - Radiometrix Ltd PLR Datasheet HTML 10Page - Radiometrix Ltd PLR Datasheet HTML 11Page - Radiometrix Ltd PLR Datasheet HTML 12Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 9
Condensed specifications
Frequency
433MHz EU, 458MHz / 173MHz UK and 151MHz Australian bands
As supplied: EU version: 433.875 - 434.65MHz
UK version: 458.525 - 459.1MHz
173.200 - 173.325MHz
Australian version: 150.825 - 152.450MHz
And other custom VHF and UHF bands
Frequency stability
±1.5kHz
Channel spacing
25kHz
Number of channels
32 (controlled via RS232 interface)
Operating temperature
-20 ºC to +55 ºC (Storage -30 ºC to +70 ºC)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Transmitter
Output power
+10dBm (10mW) ±1dB (factory adjustable 1 - 25mW)
+20dBm (100mW) ±1dB (factory adjustable 25 - 100mW)
Peak deviation
±3kHz
Modulation type
2.5kbps FSK (biphase) data stream
TX modulation bandwidth
DC – 5kHz (3V CMOS compatible)
Adjacent channel TX power
<-37dBm
TX spurious
<-45dBm (no output in Standby)
Supply
Voltage
3.1V – 15V (1-25mW)
4.1 – 15V (25 – 100mW)
Current
35mA @ 10mW (nominal)
65mA @ 50mW (nominal)
100mA @ 100mW (nominal)
<9µA standby (TXE high or floating)
Inputs
data (CMOS/TTL compatible)
Size
33 x 23 x 9mm (BiM sized footprint, new pinout)
Interface
User
10 (8) pin 0.1" pitch dual row (5+5 or 4+4) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm
Receiver
Sensitivity
-115dBm for <0.1% data errors)
AF bandwidth (-3dB)
4kHz
image
<-60db
spurii / adjacent channel
<-65db
blocking
- 84dB
LO re-radiation
-60dBm
Auxiliary outputs
RSSI, audio
Supply
Voltage
3.1V – 15V
Current
20mA receive
<1µA standby (RXE low)
Size
46 x 23 x 9mm
Interface
User
10 pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm


Similar Part No. - PLR

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
PLR RALTRON-PLR Datasheet
139Kb / 1P
   RF PLL Synthesizer
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
PREMO CORPORATION S.L
PLR01-40HA PREMO-PLR01-40HA Datasheet
212Kb / 3P
   Linear chokes
logo
Protek Devices
PLR01210-300 PROTEC-PLR01210-300 Datasheet
440Kb / 5P
   POLYMER PTC DEVICE
logo
PREMO CORPORATION S.L
PLR02-70HB PREMO-PLR02-70HB Datasheet
212Kb / 3P
   Linear chokes
More results

Similar Description - PLR

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
PLT2 RADIOMETRIX-PLT2 Datasheet
459Kb / 12P
   NBFM Multi channel Data Packet Link Radios
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com