Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL6300AMY Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FL6300AMY
Description  Quasi-Resonant Current Mode PWM Controller for Lighting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL6300AMY Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FL6300AMY Datasheet HTML 5Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 6Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 7Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 8Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 9Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 10Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 11Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 12Page - Fairchild Semiconductor FL6300AMY Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300A / FAN6300H • Rev. 1.0.1
11
Current Sensing and PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the CS
pin. The PWM duty cycle is determined by this current-
sense signal and VFB. When the voltage on CS reaches
around VLIMIT=(VFB-1.2)/3, the switch cycle is terminated
immediately. VLIMIT is internally clamped to a variable
voltage around 0.85V for output power limit.
Leading-Edge Blanking (LEB)
Each time the power MOFFET switches on, a turn-on
spike occurs on the sense resistor. To avoid premature
termination of the switching pulse, lead-edge blanking time
is built in. During the blanking period, the current limit
comparator is disabled; it cannot switch off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on, PWM-off, and turn-off thresholds are fixed
internally at 16/10/8V, respectively. During startup, the
startup capacitor must be charged to 16V through the
startup resistor to enable the IC. The hold-up capacitor
continues to supply VDD until energy can be delivered
from the auxiliary winding of the main transformer. VDD
must not drop below 10V during this startup process.
This UVLO hysteresis window ensures that hold-up
capacitor is adequate to supply VDD during startup.
Gate Output
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
18V Zener diode to protect power MOSFET transistors
against undesired over-voltage gate signals.
Over-Power Compensation
To compensate for the variation of a wide AC input
range, the DET pin produces an offset voltage to
compensate the threshold voltage of the peak current
limit for a constant-power limit. The offset is generated in
accordance with the input voltage when PWM signal is
enabled. This results in a lower current limit at high-line
inputs than low-line inputs. At fixed-load condition, the
CS limit is higher when the value of RDET is higher. RDET
also affects the H/L line constant power limit.
6
VDD
RDET
VAUX
RA
VIN
DET 1
5
GATE
3
CS
4
GND
RS
ON
Figure 22. H/L Line Constant Power Limit
Compensated by DET Pin
VDD Over-Voltage Protection
VDD over-voltage protection prevents damage due to
abnormal conditions. Once the VDD voltage is over the
VDD over-voltage protection voltage (VDD-OVP) and lasts
for tVDDOVP, the PWM pulse is disabled until the VDD
voltage drops below the UVLO, then starts again.
Output Over-Voltage Protection
The output over-voltage protection works by the
sampling voltage, as shown in Figure 23, after switch-off
sequence. A 4μs blanking time ignores the leakage
inductance ringing. A voltage comparator and a 2.5V
reference voltage develop an output OVP protection. The
ratio of the divider determines the sampling voltage of
the stop gate, as an optical coupler and secondary shunt
regulator are used. If the DET pin OVP is triggered, the
power system enters latch-mode until AC power is
removed.
Figure 23. Voltage Sampled After 4μs
Blanking Time After Switch-Off Sequence
Short-Circuit and Open-Loop Protection
The FB voltage increases every time the output of the
power supply is shorted or overloaded. If the FB voltage
remains higher than a built-in threshold for longer than tD-
OLP, PWM output is turned off. As PWM output is turned-
off, the supply voltage VDD begins decreasing.
When VDD goes below the PWM-off threshold of 10V,
VDD decreases to 8V, then the controller is totally shut
down. VDD is charged up to the turn-on threshold voltage
of 16V through the startup resistor until PWM output is
restarted. This protection feature continues as long as
the overloading condition persists. This prevents the
power supply from overheating due to overloading.


Similar Part No. - FL6300AMY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
465Kb / 13P
   Design Guideline of AC-DC Converter Using FL6961, FL6300A for 70W LED Lighting
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
More results

Similar Description - FL6300AMY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Texas Instruments
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Texas Instruments
LM5023 TI-LM5023 Datasheet
2Mb / 30P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com