Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL103M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FL103M
Description  Primary-Side-Regulation PWM Controller for LED Illumination
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FL103M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FL103M Datasheet HTML 3Page - Fairchild Semiconductor FL103M Datasheet HTML 4Page - Fairchild Semiconductor FL103M Datasheet HTML 5Page - Fairchild Semiconductor FL103M Datasheet HTML 6Page - Fairchild Semiconductor FL103M Datasheet HTML 7Page - Fairchild Semiconductor FL103M Datasheet HTML 8Page - Fairchild Semiconductor FL103M Datasheet HTML 9Page - Fairchild Semiconductor FL103M Datasheet HTML 10Page - Fairchild Semiconductor FL103M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL103 • Rev. 1.0.1
7
Typical Performance Characteristics
Figure 6.
VDD-ON vs. Temperature
Figure 7.
VDD-OFF vs. Temperature
Figure 8.
IDD-OP vs. Temperature
Figure 9.
fOSC vs. Temperature
Figure 10.
VR vs. Temperature
Figure 11.
IDD-GREEN vs. Temperature
15.0
15.4
15.8
16.2
16.6
17.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature [℃]
7.0
7.2
7.4
7.6
7.8
8.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature [℃]
0
1
2
3
4
5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature [℃]
44
46
48
50
52
54
56
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature [℃]
2.475
2.485
2.495
2.505
2.515
2.525
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature [℃]
0.80
0.88
0.96
1.04
1.12
1.20
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature [℃]


Similar Part No. - FL103M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL103M FAIRCHILD-FL103M Datasheet
379Kb / 12P
   Design Guideline for LED Lamp Control Using Primary-Side Regulated Flyback Converter, FL103M
More results

Similar Description - FL103M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
FAN103 FAIRCHILD-FAN103_10 Datasheet
667Kb / 16P
   Primary-Side-Regulation PWM Controller (PWM-PSR)
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL6630 ONSEMI-FL6630 Datasheet
453Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
May 2015 Rev. 1.0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL7734 ONSEMI-FL7734 Datasheet
380Kb / 14P
   Single-Stage Primary-Side-Regulation PWM Controller
November 2014 Rev. 1.0
FL7730 ONSEMI-FL7730 Datasheet
896Kb / 15P
   Single-Stage Primary-Side-Regulation PWM Controller
October 2012 Rev. 1.0.8
logo
Richtek Technology Corp...
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
   Primary-Side Regulation LED Driver Controller
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com