Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX227AK Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX227AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX227AK Datasheet(HTML) 1 Page - Sony Corporation

  ICX227AK Datasheet HTML 1Page - Sony Corporation ICX227AK Datasheet HTML 2Page - Sony Corporation ICX227AK Datasheet HTML 3Page - Sony Corporation ICX227AK Datasheet HTML 4Page - Sony Corporation ICX227AK Datasheet HTML 5Page - Sony Corporation ICX227AK Datasheet HTML 6Page - Sony Corporation ICX227AK Datasheet HTML 7Page - Sony Corporation ICX227AK Datasheet HTML 8Page - Sony Corporation ICX227AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The ICX227AK is an interline CCD solid-state image
sensor suitable for PAL color video cameras.
Compared with the current product ICX207AK, smear
charactristics are improved drastically and power
consumption is reduced. Ye, Cy, Mg, and G
complementary color mosaic filters are used. High
sensitivity and high saturation signal are achieved by
Super HAD CCD technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time.
The package is a 10mm-square 14-pin DIP (Plastic).
Features
• Low smear (–105dB Typ. at F5.6)
• Low power consumption
(–34% compared with ICX207AK)
• High sensitivity
(+2.5dB at F1.2 compared with ICX207AK)
• High saturation signal
• Supply voltage
12V
• Horizontal register:
3.3V drive
• Reset gate:
3.3V drive
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 4.5mm (Type 1/4)
• Number of effective pixels:
500 (H)
× 582 (V) approx. 290K pixels
• Total number of pixels:
537 (H)
× 597 (V) approx. 320K pixels
• Chip size:
4.34mm (H)
× 3.69mm (V)
• Unit cell size:
7.3µm (H)
× 4.7µm (V)
• Optical black:
Horizontal (H) direction: Front 7 pixels, rear 30 pixels
Vertical (V) direction:
Front 14 pixels, rear 1 pixel
• Number of dummy bits:
Horizontal 16
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX227AK
E99912-PS
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Optical black position
(Top View)
14 pin DIP (Plastic)
Pin 1
V
7
30
1
14
Pin 8
H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn