Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5622 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN5622
Description  Linear LED Drivers with Single-Wire Digital Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5622 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5622 Datasheet HTML 2Page - Fairchild Semiconductor FAN5622 Datasheet HTML 3Page - Fairchild Semiconductor FAN5622 Datasheet HTML 4Page - Fairchild Semiconductor FAN5622 Datasheet HTML 5Page - Fairchild Semiconductor FAN5622 Datasheet HTML 6Page - Fairchild Semiconductor FAN5622 Datasheet HTML 7Page - Fairchild Semiconductor FAN5622 Datasheet HTML 8Page - Fairchild Semiconductor FAN5622 Datasheet HTML 9Page - Fairchild Semiconductor FAN5622 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5622 / FAN5624 / FAN5626 • Rev. 1.0.2
6
Typical Performance Characteristics
Figure 8. Efficiency vs. Input Voltage where LED VF=3.2V
Figure 9. Dropout Voltage vs. Input Voltage
Figure 10. Current Match of Channels vs. Input Voltage
Figure 11. Load Regulation at 15mA/Output
Figure 12. Shutdown Current vs. Input Voltage
Figure 13. Quiescent Current vs. Input Voltage


Similar Part No. - FAN5622

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
FAN5622SX ONSEMI-FAN5622SX Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
More results

Similar Description - FAN5622

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5646 FAIRCHILD-FAN5646 Datasheet
398Kb / 2P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com