Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC04M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC04M
Description  Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC04M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC04M_08 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC04M_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC04 Rev. 1.3.0
5
AC Electrical Characteristics
Note:
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 6 (per gate).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
3.3 ± 0.3
CL = 15 pF
5.0
7.1
1.0
8.5
ns
CL = 50 pF
7.5
10.6
1.0
12.0
5.0 ± 0.5
CL = 15 pF
3.8
5.5
1.0
6.5
ns
CL = 50 pF
5.3
7.5
1.0
8.5
CIN
Input Capacitance
VCC = OPEN
4
10
10
pF
CPD
Power Dissipation
Capacitance
(3)
18
pF


Similar Part No. - 74VHC04M_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC04MTC FAIRCHILD-74VHC04MTC Datasheet
100Kb / 8P
   Hex Inverter
logo
ON Semiconductor
74VHC04MTC ONSEMI-74VHC04MTC Datasheet
312Kb / 10P
   Hex Inverter
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
74VHC04MTCX FAIRCHILD-74VHC04MTCX Datasheet
100Kb / 8P
   Hex Inverter
logo
STMicroelectronics
74VHC04MTR STMICROELECTRONICS-74VHC04MTR Datasheet
223Kb / 11P
   HEX INVERTER
logo
Fairchild Semiconductor
74VHC04MX FAIRCHILD-74VHC04MX Datasheet
100Kb / 8P
   Hex Inverter
More results

Similar Description - 74VHC04M_08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com