Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX3245QSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVX3245QSC
Description  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245QSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVX3245QSC_10 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245QSC_10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CI/O
Input/Output
15
pF
VCCA = 3.3V
Capacitance
VCCB = 5.0V
CPD
Power Dissipation
A
→ B
55
pF
VCCB = 5.0V
Capacitance (Note 9)
B
→ A
40
VCCA = 3.3V
Note 9: CPD is measured at 10 MHz
8-Bit Dual Supply Translating Transceiver
The LVX3245 is a dual supply device capable of bidirec-
tional signal translation. This level shifting ability provides
an efficient interface between low voltage CPU local bus
with memory and a standard bus defined by 5V I/O levels.
The device control inputs can be controlled by either the
low voltage CPU and core logic or a bus arbitrator with 5V
I/O levels.
Manufactured on a sub-micron CMOS process, the
LVX3245 is ideal for mixed voltage applications such as
notebook computers using 3.3V CPU's and 5V peripheral
devices.
Power Up Considerations
To insure that the system does not experience unneces-
sary ICC current draw, bus contention, or oscillations during
power up, the following guidelines should be adhered to
(refer to Table 1):
• Power up the control side of the device first. This is the
VCCA.
• OE should ramp with or ahead of VCCA. This will help
guard against bus contention.
• The Transmit/Receive control pin (T/R) should ramp with
VCCA, this will ensure that the A Port data pins are con-
figured as inputs. With VCCA receiving power first, the A
I/O Port should be configured as inputs to help guard
against bus contention and oscillations.
• A side data inputs should be driven to a valid logic level.
This will prevent excessive current draw.
The above steps will ensure that no bus contention or oscil-
lations, and therefore no excessive current draw occurs
during the power up cycling of these devices. These steps
will help prevent possible damage to the translator devices
and potential damage to other system components.
TABLE 1. Low Voltage Translator Power Up Sequencing Table
Device Type
VCCA
VCCB
T/R
OE
A Side I/O
B Side I/O
Floatable Pin
Allowed
74LVX3245
3V
5V
ramp
ramp
logic
outputs
No
(power up 1st)
configurable
with VCCA
with VCCA
0V or VCCA
Please reference Application Note AN-5001 for more detailed information on using Fairchild’s LVX Low Voltage Dual
Supply CMOS Translating Transceivers.


Similar Part No. - 74LVX3245QSC_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX3245QSCX ONSEMI-74LVX3245QSCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results

Similar Description - 74LVX3245QSC_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com