Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX224AQ Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX224AQ
Description  Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX224AQ Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX224AQ Datasheet HTML 7Page - Sony Corporation ICX224AQ Datasheet HTML 8Page - Sony Corporation ICX224AQ Datasheet HTML 9Page - Sony Corporation ICX224AQ Datasheet HTML 10Page - Sony Corporation ICX224AQ Datasheet HTML 11Page - Sony Corporation ICX224AQ Datasheet HTML 12Page - Sony Corporation ICX224AQ Datasheet HTML 13Page - Sony Corporation ICX224AQ Datasheet HTML 14Page - Sony Corporation ICX224AQ Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
– 11 –
ICX224AQ
Measurement conditions
1) In the following measurements, the device drive conditions are at the typical values of the bias and clock
voltage conditions, and the frame readout mode is used.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output, which is taken as the value of the Gr/Gb
channel signal output or the R/B channel signal output of the measurement system.
Definition of standard imaging conditions
1) Standard imaging condition I:
Use a pattern box (luminance: 706cd/m2, color temperature of 3200K halogen source) as a subject. (Pattern
for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter
and image at F5.6. The luminous intensity to the sensor receiving surface at this point is defined as the
standard sensitivity testing luminous intensity.
2) Standard imaging condition II:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted
to the value indicated in each testing item by the lens diaphragm.
3) Standard imaging condition III:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens (exit pupil distance –33mm) with CM500S (t = 1.0mm) as an IR cut filter. The
luminous intensity is adjusted to the value indicated in each testing item by the lens diaphragm.
1. G sensitivity, sensitivity comparison
Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of
1/100s, measure the signal outputs (VGr, VGb, VR and VB) at the center of each Gr, Gb, R and B channel
screen, and substitute the values into the following formulas.
VG = (VGr + VGb)/2
Sg = VG
× 100/30 [mV]
Rr = VR/VG
Rb = VB/VG
2. Saturation signal
Set to standard imaging condition II. After adjusting the luminous intensity to 20 times the intensity with the
average value of the Gr signal output, 150mV, measure the minimum values of the Gr, Gb, R and B signal
outputs.
3. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, first adjust the average value of
the Gr signal output to 150mV. Measure the average values of the Gr signal output, Gb signal output, R
signal output and B signal output (Gra, Gba, Ra, Ba), and then adjust the luminous intensity to 500 times
the intensity with the average value of the Gr signal output, 150mV. After the readout clock is stopped and
the charge drain is executed by the electronic shutter at the respective H blankings, measure the maximum
value (VSm [mV]) independent of the Gr, Gb, R and B signal outputs, and substitute the values into the
following formula.
Sm = Vsm ÷
×
×
× 100 [%] (1/10V method conversion value)
1
500
Gra + Gba + Ra + Ba
4
1
10


Similar Part No. - ICX224AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX224AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX434AQ SONY-ICX434AQ Datasheet
335Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX434DQN SONY-ICX434DQN Datasheet
329Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
   Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com