Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

025101.6NRT1L Datasheet(PDF) 4 Page - Littelfuse

Part # 025101.6NRT1L
Description  251/253 Series, PICO짰 II, Very Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

025101.6NRT1L Datasheet(HTML) 4 Page - Littelfuse

  025101.6NRT1L Datasheet HTML 1Page - Littelfuse 025101.6NRT1L Datasheet HTML 2Page - Littelfuse 025101.6NRT1L Datasheet HTML 3Page - Littelfuse 025101.6NRT1L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
251/253 Series
Please refer to www.littelfuse.com/series/251.html
or /253.html for current information.
PICO® ll > Very Fast-Acting > 251/253 Series
Materials
Body:
Solderability
Lead Pull Force
Fuses To MIL SPEC
QPL for MIL-PRF-23419. To order, change
251 to 253
Product Characteristics
Operating Temperature
Shock
Condition I (100 G’s peak for 6
msecs.)
Vibration
Moisture Resistance
Resistance to Soldering
Heat
OC
and up to 260ºC, maximum
Flammability Rating
UL 94V–0
Dimensions
Packaging
Part Numbering System
Packaging Option
Packaging Specification
Quantity &
Packaging Code
EIA 296
above in "Part Numbering System”
EIA 296
0251 xxxx N R T1 L
Lead Length
Type of Packaging
Quantity
Current Rating
Series
The default lead length for Ammo pack and
Loose pack is now T1 for 251 series, and
remains T3 for 253 series, therefore:
T1 = 52.4mm (2.062”), 251 series only*
Blank = 52.4mm (2.062”) for 251 series*
or 73mm (2.874”) for 253 series**
R = Reel
A = Ammo Pack
X = Loose Pack
N = 5000
P = 2000
M = 1000
H = 100
Refer to Amp Code column of
Electrical Specifications Table
251 = Standard type
253 = Military type
Option Codes
L
= RoHS + HF
T1 length is for 251 series only.
T3 length is for 253 series only.
Wire Diameter:
0.64 (.025") for 0.62-10.0 amp,
0.81 (.032") for 15 amp
Wire Diameter:
0.64 (.025") for 0.62-10.0 amp,
0.81 (.032") for 12-15 amp
2.61 (.103")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
38.1
(1.5")
38.1
(1.5")
7.11 (.280")
83.31 (3.28")
253 Series (RoHS Version) Markings
(T3 lead length)
L 1 A
L 1 A
73.0 (2.874")**
L 1 A
F
L
1 A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
2.80
(.11")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
251 Series (RoHS and Halogen-free Version) Markings
(T1 lead length)
Wire Diameter:
0.64 (.025") for 0.62-10.0 amp,
0.81 (.032") for 12-15 amp
F
L
1 A
F
L
1 A
27.78
(1.094")
27.78
(1.094")
7.11 (.280")
62.7 (2.468")
52.4 (2.062")*
2.80
(.11")
MAX
6.35 (.25")
tape
5.0 (.197")
6.35 (.25")
tape
251 Series (RoHS Version) Markings
(T1 lead length)
F
F
F


Similar Part No. - 025101.6NRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
025101.5HAT1L LITTELFUSE-025101.5HAT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
025101.5HRT1L LITTELFUSE-025101.5HRT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
025101.5HXT1L LITTELFUSE-025101.5HXT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
025101.5MAT1L LITTELFUSE-025101.5MAT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
025101.5MRT1L LITTELFUSE-025101.5MRT1L Datasheet
864Kb / 4P
   Axial Lead & Cartridge Fuses
More results

Similar Description - 025101.6NRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0253.250M LITTELFUSE-0253.250M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.062M LITTELFUSE-0253.062M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0253.125M LITTELFUSE-0253.125M Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO짰 ll > Very Fast-Acting > 251/253 Series
0263.062WRT2 LITTELFUSE-0263.062WRT2 Datasheet
185Kb / 3P
   263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
0253.125V LITTELFUSE-0253.125V Datasheet
289Kb / 4P
   Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 251/253 Series
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com